Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXEM-40C0130-R-30D Datasheet(PDF) 14 Page - Bridgelux, Inc.

Part # BXEM-40C0130-R-30D
Description  Bridgelux® SMD 3030 Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

BXEM-40C0130-R-30D Datasheet(HTML) 14 Page - Bridgelux, Inc.

Back Button BXEM-40C0130-R-30D Datasheet HTML 10Page - Bridgelux, Inc. BXEM-40C0130-R-30D Datasheet HTML 11Page - Bridgelux, Inc. BXEM-40C0130-R-30D Datasheet HTML 12Page - Bridgelux, Inc. BXEM-40C0130-R-30D Datasheet HTML 13Page - Bridgelux, Inc. BXEM-40C0130-R-30D Datasheet HTML 14Page - Bridgelux, Inc. BXEM-40C0130-R-30D Datasheet HTML 15Page - Bridgelux, Inc. BXEM-40C0130-R-30D Datasheet HTML 16Page - Bridgelux, Inc. BXEM-40C0130-R-30D Datasheet HTML 17Page - Bridgelux, Inc. BXEM-40C0130-R-30D Datasheet HTML 18Page - Bridgelux, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Product Bin Definitions
12
Table 8: 3- and 5-step MacAdam Ellipse Color Bin Definitions
CCT
Color Space
Center Point
Major Axis
Minor Axis
Ellipse
Rotation
Angle
Color Bin
X
Y
2700K
3 SDCM
0.4578
0.4101
0.00810
0.00420
53.70
270
5 SDCM
0.4578
0.4101
0.01350
0.00700
53.70
270/27A/27B/27C/27D
3000K
3 SDCM
0.4338
0.4030
0.00834
0.00408
53.22
300
5 SDCM
0.4338
0.4030
0.01390
0.00680
53.22
300/30A/30B/30C/30D
3500K
3 SDCM
0.4073
0.3917
0.00927
0.00414
54.00
350
5 SDCM
0.4073
0.3917
0.01545
0.00690
54.00
350/35A/35B/35C/35D
4000K
3 SDCM
0.3818
0.3797
0.00939
0.00402
53.72
400
5 SDCM
0.3818
0.3797
0.01565
0.00670
53.72
400/40A/40B/40C/40D
5000K
3 SDCM
0.3447
0.3553
0.00822
0.00354
59.62
500
5 SDCM
0.3447
0.3553
0.01370
0.00590
59.62
500/50A/50B/50C/50D
5700K
3 SDCM
0.3287
0.3417
0.00746
0.00320
59.09
570
5 SDCM
0.3287
0.3417
0.01243
0.00533
59.09
570/57A/57B/57C/57D
Notes for Table 8:
1. Color binning at T
sp=85°C
2. Bridgelux maintains a tolerance of ± 0.007 on x and y color coordinates in the CIE 1931 color space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com