Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTP Datasheet(PDF) 1 Page - DIWELL Electronics Co., Ltd.

Part # DTP
Description  Non-contact Infrared Temperature Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

DTP Datasheet(HTML) 1 Page - DIWELL Electronics Co., Ltd.

  DTP Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. DTP Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. DTP Datasheet HTML 3Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DTP Series Specification
Non-contact Infrared Temperature Sensor
Page
1 of 3
1.0.1.
Ordering Information
DTP - (1) - H(2)
(1) interface
UART
UART 3.3V
485
RS-485 Modbus
(2) lens code
FOV
04
3.814°
08
7.16°
* DTP-UART-H04: UART interface, FOV=3.814°
* DTP-485-H08: RS-485 interface Modbus protocol, FOV=7.16°
Product Specifications
All of voltages refer to 3.3V, ambient temperature is 25℃ unless otherwise note.
Parameter
min
Typ
Max
Unit
Supply voltage
3.2
3.3
3.6
V
Supply current
11
13
mA
Filter type
F5.5 (LWP cut on 5.5㎛)
Object temperature range
-40
380
Operating temperature
-20
70
IR refresh rate
10
Hz
Accuracy(*)
±2
%
Resolution digital
0.1
Emissivity
0.1
0.97
1.0
Standard start-up time
200
ms
Stabilization time
1
min
Weight
485
H04: 3.19g, H08: 2.96g
UART
H04: 3.13g, H08: 2.90g
Communication interface
UART TTL(3.3V), RS-485
Baud rate(Fixed)
19200bps
Relative humidity
95% Max. non-condensing
*: ±2% of reading or ±2℃ whichever is greater.
Accuracy is only effective if the object is fully covered by the
sensor's FOV and applicable to stable temperature conditions.
Dimensions
unit: mm
- DTP-UART
Top view
Bottom view
- DTP-485
Top view
Bottom view
- Side view
DTP-XXX-H04
DTP-XXX-H08
Pin Configuration
No.
DTP-UART
DTP-485
1
GND
GND
2
RX
D+
3
TX
D-
4
3.3V
3.3V
Accessories
100mm length, four wire open cable
1 pc


Similar Part No. - DTP

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
DTP TEC-DTP Datasheet
1Mb / 16P
DT Series Technical Manual
7/31/2008 5:14:33 PM
logo
Mean Well Enterprises C...
DTP-203-E MEANWELL-DTP-203-E Datasheet
941Kb / 7P
DALI-2 Touch Panel (Push Button)
2024-04-17
DTP-204-U MEANWELL-DTP-204-U Datasheet
941Kb / 7P
DALI-2 Touch Panel (Push Button)
2024-04-17
DTP-206-E MEANWELL-DTP-206-E Datasheet
941Kb / 7P
DALI-2 Touch Panel (Push Button)
2024-04-17
DTP-206-U MEANWELL-DTP-206-U Datasheet
941Kb / 7P
DALI-2 Touch Panel (Push Button)
2024-04-17
More results

Similar Description - DTP

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
403265 EXTECH-403265 Datasheet
87Kb / 8P
Non-Contact Infrared Thermometer
logo
TOCOSAMERICA, INC.
RSC24 TOCOS-RSC24 Datasheet
541Kb / 2P
NON-CONTACT ANGLE SENSOR
logo
DIWELL Electronics Co.,...
CT-G DIWELL-CT-G Datasheet
788Kb / 3P
Compact Non-contact Infrared Thermometer
1.0.0 2022. 5. 9.
CT-N DIWELL-CT-N Datasheet
1Mb / 5P
Compact Non-contact Infrared Thermometer
1.0.1 2022. 7. 14.
TB-SERIES DIWELL-TB-SERIES Datasheet
1Mb / 5P
Non-contact Infrared Temperature Sensor
1.0.0
DTPA-UART-3232 DIWELL-DTPA-UART-3232 Datasheet
1Mb / 3P
Non-contact 32ⅹ32 Pixel Infrared Temperature Sensor
1.0.0
TBP DIWELL-TBP Datasheet
1Mb / 5P
Non-contact Infrared Temperature Sensor
Ver1.0
DTPA-UART DIWELL-DTPA-UART Datasheet
1Mb / 3P
Non-contact 32ⅹ32 Pixel Infrared Temperature Sensor
Ver1.0
DTPA-UART-0808S DIWELL-DTPA-UART-0808S Datasheet
1Mb / 3P
Non-contact 8x8 Pixel Infrared Temperature Sensor
Version 1.0.0
DTPA-UART-1616S DIWELL-DTPA-UART-1616S Datasheet
988Kb / 3P
Non-contact 16x16 Pixel Infrared Temperature Sensor
Version 1.0.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com