Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTP Datasheet(PDF) 3 Page - DIWELL Electronics Co., Ltd.

Part # DTP
Description  Non-contact Infrared Temperature Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

DTP Datasheet(HTML) 3 Page - DIWELL Electronics Co., Ltd.

  DTP Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. DTP Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. DTP Datasheet HTML 3Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DTP Series Specification
Non-contact Infrared Temperature Sensor
Page
3 of 3
1.0.1.
Tutorial 2(Raspberry pi 2)
- Connection Diagram
- DTP-UART: https://www.diwellshop.com/web/en/DTP-UART_Raspberry.zip
Hardware: Raspberry Pi 2, DTP-UART Sensor.
Software : wiringPi library
- Connection Diagram
- DTP-485: https://www.diwellshop.com/web/en/DTP-485_Raspberry.zip
Hardware: Raspberry Pi 2, DTP-485 Sensor. RS-485 transceiver(3.3V operating)
Software : wiringPi library
- Expected Results.
Additional information
Manufacturer: DIWELL Electronics Co., Ltd. (South Korea)
Technical support: mailto:expoeb2@diwell.com, mailto:dsjeong@diwell.com
Revision history
Version
Date(Y,M,D)
Description
1.0.0.
2022.7.26
First version is released
1.0.1
2022.10.27
Fix Dimension Errors(page 1)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com