Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTP Datasheet(PDF) 2 Page - DIWELL Electronics Co., Ltd.

Part # DTP
Description  Non-contact Infrared Temperature Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

DTP Datasheet(HTML) 2 Page - DIWELL Electronics Co., Ltd.

  DTP Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. DTP Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. DTP Datasheet HTML 3Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DTP Series Specification
Non-contact Infrared Temperature Sensor
Page
2 of 3
1.0.1.
Calculate Field of View
The FOV determines the size of the infrared measurement area
according to the distance.
unit: mm
Angle
FOV
7.16°
2 ⅹ tan( 7.16
° 2) ⅹ distance(mm) + 6.75 (mm)
3.814°
2 ⅹ tan( 3.814
° 2) ⅹ distance(mm) + 8 (mm)
Protocol downloads
DTP-UART: https://www.diwellshop.com/web/en/DTP/DTP-UART_protocol_EN.pdf
DTP-485: https://www.diwellshop.com/web/en/DTP/DTP-485_protocol_EN.pdf
Object Temperature To, Ambient Temperature: Ta
To is the object temperature derived from thermopile and ambient sensor outputs.
Ta stands for ambient temperature.
0x016D(hex) = 365(dec) → means 36.5℃
0xFFF1(hex) → 0x000F(two’s complement)=15 → means -1.5℃
- Output Data Limit
Ta: 0xFE83(-38.1℃) … 0x4E2(120.0℃)
To: 0xFE70(-40.0℃) … 0xED8(380.0℃)
Emissivity Correction
The DTP is calibrated for an object emissivity of 0.97. It can be easily customized by
the customer for any other emissivity in the range 0.1…1.0. Refer to the protocol pdf
to adjust emissivity.
Products handling precaution
※ When it comes to dust removal by air, the best method is to use a blower, and
to avoid using compressed air.
※ Do not press the lens with your hands or any other object.
※ Do not scratch the lens surface with sharp objects.
※ Voluntary disassembly and modification of the product is prohibited.
※ Avoid direct sunlight, chemical substance, heat or fire.
※ Water resistance is not guaranteed.
Tutorial 1(Arduino UNO)
- Connection Diagram
- DTP-UART: https://www.diwellshop.com/web/en/DTP/DTP-UART_Arduino.zip
Hardware: Arduino Uno, DTP-UART Sensor, 100Ω, 1.8㏀, 3.3㏀
Software : Arduino IDE
- DTP-485 : https://www.diwellshop.com/web/en/DTP/DTP-485_Arduino.zip
Hardware: Arduino Uno, DTP-485 Sensor, RS-485IC,
Software : Arduino IDE
- Expected Results.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com