Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE201612E-R33M Datasheet(PDF) 3 Page - Kinetic Technologies.

Part # DFE201612E-R33M
Description  3A, 2.4MHz, Low-Voltage, I2C Programmable Buck Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

DFE201612E-R33M Datasheet(HTML) 3 Page - Kinetic Technologies.

  DFE201612E-R33M Datasheet HTML 1Page - Kinetic Technologies. DFE201612E-R33M Datasheet HTML 2Page - Kinetic Technologies. DFE201612E-R33M Datasheet HTML 3Page - Kinetic Technologies. DFE201612E-R33M Datasheet HTML 4Page - Kinetic Technologies. DFE201612E-R33M Datasheet HTML 5Page - Kinetic Technologies. DFE201612E-R33M Datasheet HTML 6Page - Kinetic Technologies. DFE201612E-R33M Datasheet HTML 7Page - Kinetic Technologies. DFE201612E-R33M Datasheet HTML 8Page - Kinetic Technologies. DFE201612E-R33M Datasheet HTML 9Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
KTB8331
December 2021
– Revision 04b
Page 3 of 25
Kinetic Confidential
Absolute Maximum Ratings1
(TA = 25
C unless otherwise noted)
Symbol
Description
Value
Units
VIN
VIN to AGND
-0.3 to 6
V
VPGND
PGND to AGND
-0.3 to 0.3
V
VLX2
LX to PGND
-0.3 to (VIN+0.3)
V
VOUT
VOUT to AGND
-0.3 to (VIN+0.3)
V
VIO
SCL, SDA, VSEL to AGND
-0.3 to 6
V
EN,
IRQ
̅̅̅̅̅̅ to AGND
-0.3 to VIN
V
ILX
LX Continuous Current
3.2
ARMS
LX Peak Current (1ms maximum)
9.6
APEAK
TJ
Operating Junction Temperature Range
-40 to 150
C
TS
Storage Temperature Range
-55 to 150
C
TLEAD
Maximum Soldering Temperature (at leads, 10 sec)
260
C
ESD Ratings3
Symbol
Description
Value
Units
VESD_HBM
JEDEC JS-001-2017 ESD Human Body Model (all pins)
±2
kV
Thermal Capabilities4
Symbol
Description
Value
Units
ΘJA
Thermal Resistance
– Junction to Ambient
77
C/W
PD
Maximum Power Dissipation at TA = 25°C
1.62
W
ΔPD/ΔT
Derating Factor Above TA = 25°C
-13
mW/°C
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at conditions
other than the operating conditions specified is not implied. Only one Absolute Maximum rating should be applied at any one time.
2. Absolute Maximum Rating for VLX is a DC voltage rating. During normal switching operation, short-duration voltage spikes beyond the DC
rating are expected and normal for all DC-DC switching regulators.
3. ESD Ratings conform to JEDEC industry standards. Some pins may actually have higher performance.
4. Junction to Ambient thermal resistance is highly dependent on PCB layout. Values are based on thermal properties of the device when
soldered to an EV board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com