Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE201612E-R33M Datasheet(PDF) 4 Page - Kinetic Technologies.

Part # DFE201612E-R33M
Description  3A, 2.4MHz, Low-Voltage, I2C Programmable Buck Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

DFE201612E-R33M Datasheet(HTML) 4 Page - Kinetic Technologies.

  DFE201612E-R33M Datasheet HTML 1Page - Kinetic Technologies. DFE201612E-R33M Datasheet HTML 2Page - Kinetic Technologies. DFE201612E-R33M Datasheet HTML 3Page - Kinetic Technologies. DFE201612E-R33M Datasheet HTML 4Page - Kinetic Technologies. DFE201612E-R33M Datasheet HTML 5Page - Kinetic Technologies. DFE201612E-R33M Datasheet HTML 6Page - Kinetic Technologies. DFE201612E-R33M Datasheet HTML 7Page - Kinetic Technologies. DFE201612E-R33M Datasheet HTML 8Page - Kinetic Technologies. DFE201612E-R33M Datasheet HTML 9Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
KTB8331
December 2021
– Revision 04b
Page 4 of 25
Kinetic Confidential
Ordering Information
Part Number5
Marking6
Default Output Voltage & Mode7
7-bit I2C Slave
Address
Package
(VSEL = 1)
(VSEL = 0)
KTB8331AEDAA-TR
QKXXYYZZZZ
1.15625V Forced-PWM
1.15625V Auto-Skip
1100 000=0x60h
WLCSP15
KTB8331BEDAA-TR
QLXXYYZZZZ
3.300V Forced-PWM
3.150V Auto-Skip
1100 000=0x60h
WLCSP15
KTB8331CEDAA-TR
QMXXYYZZZZ
1.000V Forced-PWM
0.900V Auto-Skip
1100 000=0x60h
WLCSP15
KTB8331DEDAA-TR
QNXXYYZZZZ
0.600V Forced-PWM
0.600V Auto-Skip
1010 000=0x50h
WLCSP15
KTB8331EEDAA-TR
QOXXYYZZZZ
1.125V Forced-PWM
1.125V Auto-Skip
1010 111=0x57h
WLCSP15
KTB8331FEDAA-TR
QUXXYYZZZZ
0.950V Forced-PWM
0.950V Auto-Skip
1010 000=0x50h
WLCSP15
KTB8331GEDAA-TR
QVXXYYZZZZ
1.800V Forced-PWM
1.800V Auto-Skip
1010 000=0x50h
WLCSP15
KTB8331HEDAA-TR
QWXXYYZZZZ
3.300V Forced-PWM
3.300V Auto-Skip
1010 000=0x50h
WLCSP15
KTB8331JEDAA-TR
RAXXYYZZZZ
0.750V Forced-PWM
0.750V Auto-Skip
1010 001=0x51h
WLCSP15
KTB8331KEDAA-TR
RBXXYYZZZZ
1.200V Forced-PWM
1.200V Auto-Skip
1100 000=0x60h
WLCSP15
KTB8331LEDAA-TR
RCXXYYZZZZ
1.05V Forced-PWM
1.05V Auto-Skip
1100 000=0x60h
WLCSP15
KTB8331MEDAA-TR
RJXXYYZZZZ
1.081V Auto-Skip
1.125V Auto-Skip
1100 000=0x60h
WLCSP15
5. For part numbers in Italic, please contact your local sales representative for availability.
6.
“WW” is the device ID, “XX” is the date code, “YY” is the assembly code, and “ZZZZ” is the serial number.
7. For part numbers in Italic, please contact your local sales representative for availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com