Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE201612E-R33M Datasheet(PDF) 24 Page - Kinetic Technologies.

Part # DFE201612E-R33M
Description  3A, 2.4MHz, Low-Voltage, I2C Programmable Buck Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

DFE201612E-R33M Datasheet(HTML) 24 Page - Kinetic Technologies.

Back Button DFE201612E-R33M Datasheet HTML 17Page - Kinetic Technologies. DFE201612E-R33M Datasheet HTML 18Page - Kinetic Technologies. DFE201612E-R33M Datasheet HTML 19Page - Kinetic Technologies. DFE201612E-R33M Datasheet HTML 20Page - Kinetic Technologies. DFE201612E-R33M Datasheet HTML 21Page - Kinetic Technologies. DFE201612E-R33M Datasheet HTML 22Page - Kinetic Technologies. DFE201612E-R33M Datasheet HTML 23Page - Kinetic Technologies. DFE201612E-R33M Datasheet HTML 24Page - Kinetic Technologies. DFE201612E-R33M Datasheet HTML 25Page - Kinetic Technologies.  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
KTB8331
December 2021
– Revision 04b
Page 24 of 25
Kinetic Confidential
Recommended PCB Layout
Refer to Figure 6 for two example PCB layouts optimized for small footprint, low EMI, and good performance.
One example fits in a narrow rectangular area, while the other example is nearly square. Both examples follow
the below PCB layout recommendations:
1.
Connect the input capacitor CIN as close as possible to the VIN and PGND pins using top-side thick metal
traces.
2.
Connect the ground terminals of output capacitors COUT as close as possible to the ground terminal of CIN
and the PGND pins using top-side metal.
3.
Connect the local top-side PGND island to the PCB ground plane using multiple parallel vias.
4.
Do not connect the AGND pins directly to the top-side PGND. Instead, connect the AGND pins to the
PCB ground plane using their own vias.
5.
Connect the inductor to the LX pins with a wide trace. For smallest CIN, the LX trace will not fit between
the top-side landing pads of a 1005M (0402) size capacitor. Therefore, the LX trace is normally routed on
PCB layer 2 or layer 3 using multiple parallel vias.
a.
The added inductance of vias in series with the actual inductor have minimal effect on
performance. However, it is important to use enough parallel vias to handle the peak inductor
current in the application.
b.
If using a larger CIN of 1608M (0603) size or more, it is possible to squeeze the LX route on the
top-side between the CIN landing pads. If pinched, make sure to widen the LX trace as much as
possible before and after the pinched area.
6.
Connect the VOUT terminals of the inductor to the output capacitors with a wide and short trace.
7.
Route the VOUT sense trace from COUT to the VOUT pin with care to keep it away from noisy traces,
especially the LX trace. Additionally, use ground fill to shield noise from coupling into the VOUT sense.
8.
Depending upon PCB design rules, it may be possible to place filled micro-vias directly under WLCSP
bumps. If not, route short traces to nearby vias.
Figure 6. Two recommended PCB layouts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com