Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOS618A Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VOS618A
Description  Optocoupler, Phototransistor Output, Low Input Current, SSOP-4, Half Pitch, Mini-Flat Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VOS618A Datasheet(HTML) 4 Page - Vishay Siliconix

  VOS618A_V01 Datasheet HTML 1Page - Vishay Siliconix VOS618A_V01 Datasheet HTML 2Page - Vishay Siliconix VOS618A_V01 Datasheet HTML 3Page - Vishay Siliconix VOS618A_V01 Datasheet HTML 4Page - Vishay Siliconix VOS618A_V01 Datasheet HTML 5Page - Vishay Siliconix VOS618A_V01 Datasheet HTML 6Page - Vishay Siliconix VOS618A_V01 Datasheet HTML 7Page - Vishay Siliconix VOS618A_V01 Datasheet HTML 8Page - Vishay Siliconix VOS618A_V01 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
VOS618A
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 13-Mar-15
4
Document Number: 83465
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• As per IEC 60747-5-5, § 7.4.3.8.2, this optocoupler is suitable for “safe electrical insulation” only within the safety ratings. Compliance with
the safety ratings shall be ensured by means of protective circuits.
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 5 - Forward Voltage vs. Forward Current
Fig. 6 - Collector Current vs. Collector Emitter Voltage
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Climatic classification (according to IEC 68 part 1)
55/110/21
Comparative tracking index
CTI
175
Maximum rated withstanding isolation voltage
40 % to 80 % RH, AC test of t = 1 min
VISO
3750
VRMS
Maximum transient isolation voltage
VIOTM
6000
Vpeak
Maximum repetitive peak isolation voltage
VIORM
565
Vpeak
Isolation resistance
Tamb = 25 °C, VDC = 500 V
RIO
≥ 1012
Ω
Tamb = 100 °C, VDC = 500 V
RIO
≥ 1011
Ω
Output safety power
PSO
300
mW
Input safety current
ISI
200
mA
Input safety temperature
TSI
150
°C
Creepage distance
≥ 5mm
Clearance distance
≥ 5mm
Insulation thickness
DTI
≥ 0.4
mm
Environment
(pollution degree in accordance to DIN VDE 0109)
2
0.1
1
10
100
0.6
0.8
1.0
1.2
1.4
1.6
V
F - Forward Voltage (V)
T
amb = 110 °C
T
amb = 75 °C
T
amb = 25 °C
T
amb = 0 °C
T
amb = -55 °C
0
10
20
30
40
50
0
1
2
3
4
5
6
7
8
9
10
V
CE - Collector Emitter Voltage (V)
IF = 1 mA
I
F = 10 mA
I
F = 5 mA
I
F = 15 mA
I
F = 20 mA
I
F = 25 mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com