Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOS618A Datasheet(PDF) 8 Page - Vishay Siliconix

Part # VOS618A
Description  Optocoupler, Phototransistor Output, Low Input Current, SSOP-4, Half Pitch, Mini-Flat Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VOS618A Datasheet(HTML) 8 Page - Vishay Siliconix

  VOS618A_V01 Datasheet HTML 1Page - Vishay Siliconix VOS618A_V01 Datasheet HTML 2Page - Vishay Siliconix VOS618A_V01 Datasheet HTML 3Page - Vishay Siliconix VOS618A_V01 Datasheet HTML 4Page - Vishay Siliconix VOS618A_V01 Datasheet HTML 5Page - Vishay Siliconix VOS618A_V01 Datasheet HTML 6Page - Vishay Siliconix VOS618A_V01 Datasheet HTML 7Page - Vishay Siliconix VOS618A_V01 Datasheet HTML 8Page - Vishay Siliconix VOS618A_V01 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
VOS618A
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 13-Mar-15
8
Document Number: 83465
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TAPE AND REEL DIMENSIONS in millimeters
Fig. 18 - Reel Dimensions (3000 units per reel)
Fig. 19 - Tape Dimensions
SOLDER PROFILE
Fig. 20 - Lead (Pb)-free Reflow Solder Profile
according to J-STD-020
HANDLING AND STORAGE CONDITIONS
ESD level: HBM class 2
Floor life: unlimited
Conditions: Tamb < 30 °C, RH < 85 %
Moisture sensitivity level 1, according to J-STD-020
330
(13")
17.1
Ø 1.50 ± 0.1
2 ± 0.1
4 ± 0.1
1.75 ± 0.1
12 ± 0.3
5.5 ± 0.1
8 ± 0.1
0.35 ± 0.05
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time (s)
240 °C
245 °C
max. 260 °C
max. 120 s
max. 100 s
217 °C
max. 30 s
max. ramp up 3 °C/s
max. ramp down 6 °C/s
19841
255 °C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com