Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOS618A Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VOS618A
Description  Optocoupler, Phototransistor Output, Low Input Current, SSOP-4, Half Pitch, Mini-Flat Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VOS618A Datasheet(HTML) 5 Page - Vishay Siliconix

  VOS618A_V01 Datasheet HTML 1Page - Vishay Siliconix VOS618A_V01 Datasheet HTML 2Page - Vishay Siliconix VOS618A_V01 Datasheet HTML 3Page - Vishay Siliconix VOS618A_V01 Datasheet HTML 4Page - Vishay Siliconix VOS618A_V01 Datasheet HTML 5Page - Vishay Siliconix VOS618A_V01 Datasheet HTML 6Page - Vishay Siliconix VOS618A_V01 Datasheet HTML 7Page - Vishay Siliconix VOS618A_V01 Datasheet HTML 8Page - Vishay Siliconix VOS618A_V01 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
VOS618A
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 13-Mar-15
5
Document Number: 83465
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Collector Emitter Current vs. Ambient Temperature
Fig. 8 - Collector Current vs. Collector Emitter Voltage
Fig. 9 - Collector Emitter Voltage vs. Ambient Temperature
Fig. 10 - Normalized Current Transfer Ratio vs.
Ambient Temperature (saturated)
Fig. 11 - Normalized Current Transfer Ratio vs.
Ambient Temperature (non-saturated)
Fig. 12 - Current Transfer Ratio vs. Forward Current (saturated)
0.001
0.01
0.1
1
10
100
1000
10 000
I
F = 0 mA
V
CE = 40 V
V
CE = 24 V
V
CE = 12 V
-60 -40 -20
0
20
40
60
80
120
T
amb - Ambient Temperature (°C)
100
0
5
10
15
20
25
30
35
0.0
0.1
0.2
0.3
0.4
V
CE - Collector Emitter Voltage (V)
I
F = 25 mA
I
F = 10 mA
I
F = 0.5 mA
I
F = 2 mA
I
F = 5 mA
I
F = 1 mA
0.00
0.02
0.04
0.06
0.08
0.10
0.12
I
F = 1 mA
-60 -40 -20
0
20
40
60
80
120
T
amb - Ambient Temperature (°C)
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
Normalized to CTR value:
I
F = 1 mA, VCE = 5 V, Tamb = 25 °C
-60 -40 -20
0
20
40
60
80
120
T
amb - Ambient Temperature (°C)
100
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Normalized to CTR value:
I
F = 1 mA, VCE = 5 V, Tamb = 25 °C
-60 -40 -20
0
20
40
60
80
120
T
amb - Ambient Temperature (°C)
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1
10
100
I
F - Forward Current (mA)
T
amb = 0 °C
T
amb = -55 °C
T
amb = 25 °C
T
amb = 110 °C
Normalized to:
I
F = 1 mA, VCE = 5 V,
T
amb = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com