Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8686SJVPBF Datasheet(PDF) 26 Page - Analog Devices

Part # LT8686SJVPBF
Description  42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8686SJVPBF Datasheet(HTML) 26 Page - Analog Devices

Back Button LT8686SJVPBF Datasheet HTML 18Page - Analog Devices LT8686SJVPBF Datasheet HTML 19Page - Analog Devices LT8686SJVPBF Datasheet HTML 20Page - Analog Devices LT8686SJVPBF Datasheet HTML 21Page - Analog Devices LT8686SJVPBF Datasheet HTML 22Page - Analog Devices LT8686SJVPBF Datasheet HTML 23Page - Analog Devices LT8686SJVPBF Datasheet HTML 24Page - Analog Devices LT8686SJVPBF Datasheet HTML 25Page - Analog Devices LT8686SJVPBF Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
LT8686S
26
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2022
11/22
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER DESCRIPTION
COMMENTS
LT8601
42V, 94% Efficiency, 2.2MHz Triple Output (1.5A + 2.5A + 1.8A)
Synchronous Micropower Step-Down DC/DC Converter with IQ = 30μA
VIN: 3V to 42V, VOUT(MIN) = 0.8V, IQ = 30µA, ISD < 25µA,
6mm × 6mm QFN-40 Package
LT8602
42V, Quad Output (2.5A + 1.5A + 1.5A + 1.5A) 95% Efficiency, 2.2MHz
Synchronous Micropower Step-Down DC/DC Converter with IQ = 25µA
VIN: 3V to 42V, VOUT(MIN) = 0.8V, IQ = 25µA, ISD < 25µA,
6mm × 6mm QFN-40 Package
LT8603
42V, Low IQ, Quad Output Triple Monolithic Buck Converter and
Boost Controller
VIN: 3V to 42V, VOUT(MIN) = 0.8V, IQ = 25µA, ISD < 25µA,
6mm × 6mm QFN-40 Package
2.2µF
2.2µF
4.7µF
2.2µF
499k
0.1µF
0.1µF
0.72H**
953k
47µF
105k
4.7pF
0.1µF
0.82µH
976k
47µF
309k
4.7pF
0.1µF
0.60µH
649k
47µF
523k
10pF
499k
499k
10nF
22nF
13.7k
0.1µF
BST3
SW3
FB3
BST4
SW4
FB4
BIAS
BST1
SW1
FB1
BST2
SW2
FB2
EN/UVLO
EN2
VIN1
VIN2
EN3
EN4
VIN3
VIN4
PG4
PG3
PG2
PG1
TRK/SS4
TRK/SS3
TRK/SS2
TRK/SS1
RT
SYNC/MODE
OUT1
8V, 4A*
INTVCC
OUT4
1.8V, 2A
INTVCC
OUT3
3.3V, 2A
GND
LT8686S
CLK IN
3.0MHz
OUT1
VIN
9V TO 42V
**INDUCTOR VALUES CHOSEN FOR VIN = 12V
8686S TA05a
*CURRENT AVAILABLE FROM OUT1: 4A – IVIN3 – IVIN4 – IBIAS
1A LOAD PER OUTPUT
START-UP SEQUENCE:
VIN HIGH ENABLES OUT1,2
VOUT1,2 IN REGULATION ENABLES OUT3 AND OUT4
VOUT3 AND VOUT4 SOFT-START RATIOMETRICALLY
2ms/DIV
VIN
10V/DIV
VOUT1,2
5V/DIV
VOUT3
2V/DIV
VOUT4
2V/DIV
8686S TA04b
Start-Up Sequencing
Triple Output, 3MHz Step-Down Regulator with Sequenced Ratiometric Start-Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com