Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8686SJVPBF Datasheet(PDF) 24 Page - Analog Devices

Part # LT8686SJVPBF
Description  42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8686SJVPBF Datasheet(HTML) 24 Page - Analog Devices

Back Button LT8686SJVPBF Datasheet HTML 18Page - Analog Devices LT8686SJVPBF Datasheet HTML 19Page - Analog Devices LT8686SJVPBF Datasheet HTML 20Page - Analog Devices LT8686SJVPBF Datasheet HTML 21Page - Analog Devices LT8686SJVPBF Datasheet HTML 22Page - Analog Devices LT8686SJVPBF Datasheet HTML 23Page - Analog Devices LT8686SJVPBF Datasheet HTML 24Page - Analog Devices LT8686SJVPBF Datasheet HTML 25Page - Analog Devices LT8686SJVPBF Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
LT8686S
24
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
4.7µF
4.7µF
4.7µF
0.1µF
0.1µF
1M
47µF
97.6k
2.2pF
0.1µF 4.7µH
649k
100µF
523k
4.7pF
0.1µF 2.8µH
113k
100µF
×2
909k
10pF
133k
0.1µF
12µH**
953k
100µF
154k
4.7pF
12µH**
1M
124k
22nF
22nF
22nF
22nF
499k
BST3
SW3
FB3
BST4
SW4
FB4
BIAS
BST1
SW1
FB1
BST2
SW2
FB2
EN/UVLO
EN2
VIN1
VIN2
EN3
EN4
VIN3
VIN4
PG4
PG3
PG2
PG1
RT
SYNC/MODE
OUT1
9V, 2A
INTVCC
OUT4
0.9V, 2A
OUT3
1.8V, 2A
GND
OUT2
5.75V, 2A*
LT8686S
TRK/SS4
TRK/SS3
TRK/SS2
TRK/SS1
OUT2
VIN
10V TO 42V
**INDUCTOR VALUES CHOSEN FOR VIN = 12V
8686S TA04a
*CURRENT AVAILABLE FROM OUT2: 2A – IVIN3 – IVIN4 – IBIAS
START-UP SEQUENCE:
VIN HIGH ENABLES OUT1 AND OUT2
VOUT2 IN REGULATION ENABLES OUT3,4
5ms/DIV
VIN
10V/DIV
VOUT1
5V/DIV
VOUT2
5V/DIV
VOUT3
1V/DIV
VOUT4
1V/DIV
8686S TA03b
Start-Up Sequencing
High Efficiency Quad Output Regulator Suitable for Driving Multiple LDO’s or Remote Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com