Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8686SJVPBF Datasheet(PDF) 22 Page - Analog Devices

Part # LT8686SJVPBF
Description  42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8686SJVPBF Datasheet(HTML) 22 Page - Analog Devices

Back Button LT8686SJVPBF Datasheet HTML 18Page - Analog Devices LT8686SJVPBF Datasheet HTML 19Page - Analog Devices LT8686SJVPBF Datasheet HTML 20Page - Analog Devices LT8686SJVPBF Datasheet HTML 21Page - Analog Devices LT8686SJVPBF Datasheet HTML 22Page - Analog Devices LT8686SJVPBF Datasheet HTML 23Page - Analog Devices LT8686SJVPBF Datasheet HTML 24Page - Analog Devices LT8686SJVPBF Datasheet HTML 25Page - Analog Devices LT8686SJVPBF Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
LT8686S
22
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
2.2µF
2.2µF
4.7µF
1.0µF
0.1µF
0.1µF
1M
47µF
191k
4.7pF
0.1µF 0.68µH
649k
47µF
523k
10pF
0.1µF 0.56µH
412k
47µF
825k
10pF
26.1k
22.6k
0.1µF
1.5µH**
976k
47µF
309k
4.7pF
1.8µH**
10nF
10nF
BST3
SW3
FB3
BST4
SW4
FB4
BIAS
BST1
SW1
FB1
BST2
SW2
FB2
EN/UVLO
EN2
VIN1
VIN2
EN3
EN4
VIN3
VIN4
VIN
6V TO 42V
PG4
PG3
PG2
PG1
TRK/SS4
TRK/SS3
TRK/SS2
TRK/SS1
RT
SYNC/MODE
OUT1
5V, 2A*
INTVCC
OUT4
1.2V, 2A
OUT3
1.8V, 2A
GND
OUT2
3.3V, 2A
LT8686S
OUT1
**INDUCTOR VALUES CHOSEN FOR VIN = 12V
8686S TA02a
*CURRENT AVAILABLE FROM OUT1: 2A – IVIN3 – IVIN4 – IBIAS
START-UP SEQUENCE:
VIN HIGH ENABLES HV CHANNELS
HV CHANNELS TRACK RATIOMETRICALLY
VOUT1 HIGH ENABLES LV CHANNELS
LV CHANNELS TRACK RATIOMETRICALLY
1ms/DIV
VOUT1
2V/DIV
VIN
10V/DIV
VOUT3
1V/DIV
VOUT2
2V/DIV
VOUT4
1V/DIV
8686S TA02b
Start-Up Sequencing
42V Input, Quad Output 2MHz Step-Down Regulator with Spread Spectrum and Ratiometric Output Start-Up
(Details of Front-Page Application)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com