Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSMF3JB33R2 Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # RSMF3JB33R2
Description  General Purpose Metal Oxide Resistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RSMF3JB33R2 Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  RSMF3JB33R2 Datasheet HTML 1Page - Stackpole Electronics, Inc. RSMF3JB33R2 Datasheet HTML 2Page - Stackpole Electronics, Inc. RSMF3JB33R2 Datasheet HTML 3Page - Stackpole Electronics, Inc. RSMF3JB33R2 Datasheet HTML 4Page - Stackpole Electronics, Inc. RSMF3JB33R2 Datasheet HTML 5Page - Stackpole Electronics, Inc. RSMF3JB33R2 Datasheet HTML 6Page - Stackpole Electronics, Inc. RSMF3JB33R2 Datasheet HTML 7Page - Stackpole Electronics, Inc. RSMF3JB33R2 Datasheet HTML 8Page - Stackpole Electronics, Inc. RSMF3JB33R2 Datasheet HTML 9Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Rev Date: 3/3/2022
2
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RSF / RSMF Series
General Purpose Metal Oxide Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Power Derating Curve:
Surface Temperature Rise:
Performance Characteristics
Test
Test Method
Typical Results
Insulation Resistance
JIS C5201-1, IEC60115-1, 4.6
≥ 1G Ω
Voltage Proof
JIS C5201-1, IEC60115-1, 4.7
≤ ± (0.5% + 0.05 Ω)
No mechanical damage
<
± 0.25%
Short Time Overload
JIS C5201-1, IEC60115-1, 4.13
<
± 0.1%
Resistance to Solder Heat
JIS C5201-1, IEC60115-1, 4.18
< ± 1.0%
Endurance at 70
°C
JIS C5201-1, IEC60115-1, 4.25.1
< ± 2.0%
Robustness of Terminations
JIS C5201-1, IEC60115-1, 4.16
< ± 0.10%
Damp Heat (Steady state)
JIS C5201-1, IEC60115-1, 4.24
< ± 1.5%
Rapid Change of Temperature
JIS C5201-1, IEC60115-1, 4.19
< ± 0.2%
Resistance to Solvents
JIS C5201-1, IEC60115-1, 4.29
Pass
Intermittent Overload
JIS C5201-1, IEC60115-1, 4.39
< ± 0.3%
Accidental Overload (Flame resistance)
JIS C5201-1, IEC60115-1, 4.26
Pass
Operating temperature range is -55ºC to +200ºC (RSF12, RSMF12, RSMF1)
-55ºC to +235ºC (all others)
≤ ± (1.0% + 0.05 Ω)
≤± (5% + 0.05 Ω)
≤± (1% + 0.05 Ω)
No damage to component or removal of marking
≤± (2% + 0.05 Ω)
No flaming of gauze
Test Specification
≥ 1G Ω
≤ ± (0.75% + 0.05 Ω)
≤ ± (2.0% + 0.05 Ω)
≤± (5.0% + 0.05 Ω)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com