Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSMF3JB33R2 Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # RSMF3JB33R2
Description  General Purpose Metal Oxide Resistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RSMF3JB33R2 Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  RSMF3JB33R2 Datasheet HTML 1Page - Stackpole Electronics, Inc. RSMF3JB33R2 Datasheet HTML 2Page - Stackpole Electronics, Inc. RSMF3JB33R2 Datasheet HTML 3Page - Stackpole Electronics, Inc. RSMF3JB33R2 Datasheet HTML 4Page - Stackpole Electronics, Inc. RSMF3JB33R2 Datasheet HTML 5Page - Stackpole Electronics, Inc. RSMF3JB33R2 Datasheet HTML 6Page - Stackpole Electronics, Inc. RSMF3JB33R2 Datasheet HTML 7Page - Stackpole Electronics, Inc. RSMF3JB33R2 Datasheet HTML 8Page - Stackpole Electronics, Inc. RSMF3JB33R2 Datasheet HTML 9Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev Date: 3/3/2022
1
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RSF / RSMF Series
General Purpose Metal Oxide Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
Lower-cost alternative to carbon comps and wirewounds
Coating meets UL 94V-0
Meets solvent test of Mil Standard 202, Method 215
Cut and formed product is available on select sizes - contact Stackpole
Higher or lower resistance values may be possible - contact Stackpole
Flameproof
100% RoHS compliant and lead free without exemption
Halogen free
REACH compliant
Electrical Specifications
Mechanical Specifications
Maximum
Maximum
Type/Code
Working
Overload
Voltage (V)
(1)
Voltage (V)
1%
2%
5%
RSF12
0.5
250
400
350
± 200
0.1 - 150K
0.1 - 75K
0.1 - 510K
RSF1
1
350
600
600
± 200
0.1 - 510K
RSF2
2
350
600
600
± 200
0.1 - 510K
RSF3
3
800
1000
750
± 200
0.1 - 470K
0.1 - 510K
0.1 - 510K
RSF5
5
1000
1000
750
± 200
0.1 - 470K
0.1 - 510K
0.1 - 510K
RSMF12
0.5
250
400
350
± 200
0.1 - 46.4K
0.1 - 47K
0.1 - 470K
RSMF1
1
350
600
500
± 200
0.1 - 470K
RSMF2
2
350
600
500
± 200
0.1 - 470K
RSMF3
3
500
800
600
± 200
0.1 - 118K
0.1 - 120K
0.1 - 470K
RSMF5
5
1000
1000
750
± 200
0.1 - 470K
0.1 - 510K
0.1 - 510K
Power Rating
(W) @ 70ºC
Dielectric
Withstanding
Voltage (V)
Ohmic Range
(2) (Ω) and Tolerance
TCR (ppm/ºC)
0.1 - 100K
(2) Contact Stackpole for resistance values outside the specified range
0.1 - 120K
0.1 - 75K
0.1 - 100K
(1) Lesser of
or maximum working voltage
√ P*R
0.35 ± 0.04
0.13 ± 0.03
1.10 ± 0.12
0.03 ± 0.003
0.250
inches
9.00 ± 1.00
3.20 ± 0.80
28.00 ± 3.00
0.70 ± 0.08
6.35
mm
0.43 ± 0.06
0.18 ± 0.04
1.10 ± 0.20
0.03 ± 0.002
0.250
inches
11.00 ± 1.50
4.50 ± 1.00
28.00 ± 5.00
0.80 ± 0.05
6.35
mm
0.59 ± 0.06
0.22 ± 0.04
1.18 ± 0.20
0.03 ± 0.004
0.250
inches
15.00 ± 1.50
5.50 ± 1.00
30.00 ± 5.00
0.75 ± 0.10
6.35
mm
0.69 ± 0.04
0.24 ± 0.02
1.38 ± 0.12
0.03 ± 0.002
0.250
inches
17.50 ± 1.00
6.00 ± 0.50
35.00 ± 3.00
0.80 ± 0.05
6.35
mm
0.96 ± 0.04
0.31 ± 0.02
1.38 ± 0.12
0.03 ± 0.002
0.250
inches
24.50 ± 1.00
8.00 ± 0.50
35.00 ± 3.00
0.80 ± 0.05
6.35
mm
0.24 ± 0.03
0.09 ± 0.01
1.10 ± 0.12
0.02 ± 0.003
0.250
inches
6.00 ± 0.80
2.30 ± 0.30
28.00 ± 3.00
0.55 ± 0.07
6.35
mm
0.35 ± 0.04
0.13 ± 0.03
1.10 ± 0.12
0.03 ± 0.003
0.250
inches
9.00 ± 1.00
3.20 ± 0.80
28.00 ± 3.00
0.70 ± 0.08
6.35
mm
0.43 ± 0.06
0.18 ± 0.04
1.18 ± 0.20
0.03 ± 0.002
0.250
inches
11.00 ± 1.50
4.50 ± 1.00
30.00 ± 5.00
0.80 ± 0.05
6.35
mm
0.59 ± 0.06
0.22 ± 0.04
1.18 ± 0.20
0.03 ± 0.004
0.250
inches
15.00 ± 1.50
5.50 ± 1.00
30.00 ± 5.00
0.75 ± 0.10
6.35
mm
0.69 ± 0.04
0.24 ± 0.02
1.38 ± 0.08
0.03 ± 0.002
0.250
inches
17.50 ± 1.00
6.00 ± 0.50
35.00 ± 2.00
0.80 ± 0.05
6.35
mm
Unit
Body Length
Body Diameter
Lead Length (Bulk)
Lead Diameter
Lead-Tape
Specification
Type/Code
A
B
C
D
RSMF5
RSF5
RSMF12
RSMF1
RSMF2
RSF12
RSF1
RSF2
RSF3
RSMF3


Similar Part No. - RSMF3JB33R2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RSMF3 ETC2-RSMF3 Datasheet
209Kb / 4P
Lower-cost alternative to carbon comps and wirewounds
RSMF3 ETC2-RSMF3 Datasheet
205Kb / 4P
General Purpose Metal Oxide Resistor
More results

Similar Description - RSMF3JB33R2

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MF1ECT521 KOA-MF1ECT521 Datasheet
102Kb / 2P
general purpose metal film leaded resistor
logo
IRC - a TT electronics ...
CMO IRCTT-CMO Datasheet
184Kb / 4P
Commercial Grade Metal Oxide Resistor
PWRG51202J IRCTT-PWRG51202J Datasheet
156Kb / 2P
General Purpose Power Metal Glaze Resistor
logo
List of Unclassifed Man...
SEI-RNF_RNMF ETC1-SEI-RNF_RNMF Datasheet
140Kb / 3P
General Purpose Metal Film Resistor
RNF14FTD178K ETC2-RNF14FTD178K Datasheet
129Kb / 3P
General Purpose Metal Film Resistor
RNF18FTD10K0 ETC2-RNF18FTD10K0 Datasheet
140Kb / 3P
General Purpose Metal Film Resistor
RNF14FAD2K26 ETC2-RNF14FAD2K26 Datasheet
117Kb / 3P
General Purpose Metal Film Resistor
RNF18FTC1K00 ETC2-RNF18FTC1K00 Datasheet
140Kb / 3P
General Purpose Metal Film Resistor
RSMF2JB10R0 ETC2-RSMF2JB10R0 Datasheet
205Kb / 4P
General Purpose Metal Oxide Resistor
logo
Stackpole Electronics, ...
RNF SEI-RNF Datasheet
505Kb / 9P
General Purpose Metal Film Resistor
3/3/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com