Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSMF3JB33R2 Datasheet(PDF) 7 Page - Stackpole Electronics, Inc.

Part # RSMF3JB33R2
Description  General Purpose Metal Oxide Resistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RSMF3JB33R2 Datasheet(HTML) 7 Page - Stackpole Electronics, Inc.

  RSMF3JB33R2 Datasheet HTML 1Page - Stackpole Electronics, Inc. RSMF3JB33R2 Datasheet HTML 2Page - Stackpole Electronics, Inc. RSMF3JB33R2 Datasheet HTML 3Page - Stackpole Electronics, Inc. RSMF3JB33R2 Datasheet HTML 4Page - Stackpole Electronics, Inc. RSMF3JB33R2 Datasheet HTML 5Page - Stackpole Electronics, Inc. RSMF3JB33R2 Datasheet HTML 6Page - Stackpole Electronics, Inc. RSMF3JB33R2 Datasheet HTML 7Page - Stackpole Electronics, Inc. RSMF3JB33R2 Datasheet HTML 8Page - Stackpole Electronics, Inc. RSMF3JB33R2 Datasheet HTML 9Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Rev Date: 3/3/2022
7
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RSF / RSMF Series
General Purpose Metal Oxide Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Pana-Sert Packaging Specifications
Symbol
Description
0.157
0.217
4.00
5.50
0.394
0.492
10.00
12.50
0.571
0.709
14.50
18.00
0.028 ± 0.004
0.028 ± 0.004
0.70 ± 0.10
0.70 ± 0.10
PRSM12
PRSF1 / PRSM2
ØD
Body diameter
max.
max.
max.
max.
max.
max.
max.
max.
A
Body length
max.
max.
max.
max.
P1
Feed hole center to lead
P0
Feed hole pitch
Ød
Lead diameter
P
Component pitch
A0
Mounting height
Δg
Component alignment
Alpha
Performing angle
Δh
Component alignment
F
Lead-lead distance
P2
Feed hole center to body
W2
Hold down tape position
W1
Hole position
W0
Hold down tape width
W
Tape width
0.500 ± 0.012
12.70 ± 0.30
±
±
0.500
12.70
0.039
1.00
0.250 ± 0.016
6.35 ± 0.40
0.152 ± 0.020
3.85 ± 0.50
0.354 ±
0.000 ± 0.118
0.00 ± 3.00
12.50 min.
min.
0.020
9.00 ± 0.50
0.200
5.08 +0.60 / -0.20
+0.24 / -0.008
45° max
0.709 +0.039 / -0.031
0.000 ± 0.079
0.00 ± 2.00
0.079
2.00
+0 / -0.059
+0 / -1.50
18.00 +1.00 / -0.80
0.492



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com