Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD0227 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DGD0227
Description  DUAL 4.0A HIGH SPEED LOW-SIDE GATE DRIVER IN SO-8
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD0227 Datasheet(HTML) 2 Page - Diodes Incorporated

  DGD0227 Datasheet HTML 1Page - Diodes Incorporated DGD0227 Datasheet HTML 2Page - Diodes Incorporated DGD0227 Datasheet HTML 3Page - Diodes Incorporated DGD0227 Datasheet HTML 4Page - Diodes Incorporated DGD0227 Datasheet HTML 5Page - Diodes Incorporated DGD0227 Datasheet HTML 6Page - Diodes Incorporated DGD0227 Datasheet HTML 7Page - Diodes Incorporated DGD0227 Datasheet HTML 8Page - Diodes Incorporated DGD0227 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DGD0227
Document Number DS40227 Rev. 1 - 2
2 of 11
www.diodes.com
August 2018
© Diodes Incorporated
DGD0227
Pin Diagrams
Pin Descriptions
Pin Number
Pin Name
Function
1, 8
NC
No Connection (No internal connection)
2
INA
Logic Input for A Phase, in Phase with OUTA
3
COM
Supply Return
4
INB
Logic Input for B Phase, in Phase with OUTB
5
OUTB
Gate Driver Output B Phase
6
VCC
Supply Input
7
OUTA
Gate Driver Output A Phase
Functional Block Diagram
Top View: SO-8 (Type TH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com