Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD0227 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DGD0227
Description  DUAL 4.0A HIGH SPEED LOW-SIDE GATE DRIVER IN SO-8
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD0227 Datasheet(HTML) 1 Page - Diodes Incorporated

  DGD0227 Datasheet HTML 1Page - Diodes Incorporated DGD0227 Datasheet HTML 2Page - Diodes Incorporated DGD0227 Datasheet HTML 3Page - Diodes Incorporated DGD0227 Datasheet HTML 4Page - Diodes Incorporated DGD0227 Datasheet HTML 5Page - Diodes Incorporated DGD0227 Datasheet HTML 6Page - Diodes Incorporated DGD0227 Datasheet HTML 7Page - Diodes Incorporated DGD0227 Datasheet HTML 8Page - Diodes Incorporated DGD0227 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DGD0227
Document Number DS40227 Rev. 1 - 2
1 of 11
www.diodes.com
August 2018
© Diodes Incorporated
DGD0227
DUAL 4.0A HIGH SPEED LOW-SIDE GATE DRIVER IN SO-8
Description
The DGD0227 dual, high-speed, low-side MOSFET and IGBT driver is
capable of driving 4A of peak current. The DGD0227 logic inputs are
compatible with standard TTL and CMOS levels (down to 3.3V) to
interface easily with MCUs. Fast and well-matched propagation delays
allow high-speed operation, enabling a smaller, more compact power-
switching design using smaller associated components.
The DGD0227 is offered in the SO-8 (Type TH) package and operates
over an extended -40°C to +125°C temperature range.
Applications
DC-DC Converters
Line Drivers
Motor Controls
Switch Mode Power Supplies
Features
Efficient Low Cost Solution for Driving MOSFETs and IGBTs
Wide Supply Voltage Operating Range: 4.5V to 18V
4.0A Source / 4.0A Sink Output Current Capability
Fast Propagation Delay (35ns Typ)
Fast Rise and Fall Times (20ns Typ)
Logic Input (IN) 3.3V Capability
Extended Temperature Range: -40°C to +125°C
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
Mechanical Data
Case: SO-8 (Type TH)
Case Material: Molded Plastic
. “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 3 per J-STD-020
Terminals: Finish
– Matte Tin Plated Leads,
Solderable per MIL-STD-202, Method 208
Weight: 0.075 grams (Approximate)
Ordering Information (Note 4)
Product
Marking
Reel Size (inches)
Tape Width (mm)
Quantity Per Reel
DGD0227S8-13
DGD0227
13
12
2,500
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
SO-8 (Type TH)
Top View
Typical Configuration
DGD0227
YY WW
= Manufacturer’s Marking
DGD0227 = Product Type Marking Code
YY = Year (ex: 18 = 2018)
WW = Week (01 to 53)


Similar Part No. - DGD0227

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD0211C DIODES-DGD0211C Datasheet
751Kb / 10P
1.9A HIGH SPEED SINGLE GATE DRIVER
Rev. 3 - 2 November 2021
DGD0211CWT-7 DIODES-DGD0211CWT-7 Datasheet
751Kb / 10P
1.9A HIGH SPEED SINGLE GATE DRIVER
Rev. 3 - 2 November 2021
logo
TECH PUBLIC Electronics...
DGD0211CWT-TP TECHPUBLIC-DGD0211CWT-TP Datasheet
4Mb / 7P
Single-Channel, High-Speed, Low-side Gate Driver
logo
Diodes Incorporated
DGD0211CWTQ DIODES-DGD0211CWTQ Datasheet
781Kb / 9P
1.9A HIGH SPEED SINGLE GATE DRIVER
Rev. 1 - 2 April 2022
DGD0211CWTQ-7 DIODES-DGD0211CWTQ-7 Datasheet
781Kb / 9P
1.9A HIGH SPEED SINGLE GATE DRIVER
Rev. 1 - 2 April 2022
More results

Similar Description - DGD0227

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2101 DIODES-DGD2101 Datasheet
1Mb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8 (TYPE TH)
Rev 2
DGD2106 DIODES-DGD2106 Datasheet
722Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev 3
DGD2181 DIODES-DGD2181 Datasheet
484Kb / 7P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev 1
DGD2190 DIODES-DGD2190 Datasheet
690Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev 3
DGD2106M DIODES-DGD2106M_V01 Datasheet
843Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev 6
DGD2190M DIODES-DGD2190M Datasheet
741Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
October 2019
DGD2005 DIODES-DGD2005_V01 Datasheet
765Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 5 - 2 April 2021
DGD2101M DIODES-DGD2101M_V01 Datasheet
1Mb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 2 - 2 October 2019
DGD2106M DIODES-DGD2106M_V02 Datasheet
909Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 7 - 2 April 2021
DGD2181M DIODES-DGD2181M_V01 Datasheet
607Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 2 - 2 October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com