Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD0227 Datasheet (PDF) - Diodes Incorporated

DGD0227 Datasheet PDF - Diodes Incorporated
Part # DGD0227
Download  DGD0227 Download
File Size   694.99 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DUAL 4.0A HIGH SPEED LOW-SIDE GATE DRIVER IN SO-8

DGD0227 Datasheet (PDF)

Go To PDF Page Download Datasheet
DGD0227 Datasheet PDF - Diodes Incorporated

Part # DGD0227
Download  DGD0227 Click to download

File Size   694.99 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DUAL 4.0A HIGH SPEED LOW-SIDE GATE DRIVER IN SO-8

DGD0227 Datasheet (HTML) - Diodes Incorporated


DGD0227 Product details

Features
Efficient Low Cost Solution for Driving MOSFETs and IGBTs
Wide Supply Voltage Operating Range: 4.5V to 18V
4.0A Source / 4.0A Sink Output Current Capability
Fast Propagation Delay (35ns Typ)
Fast Rise and Fall Times (20ns Typ)
Logic Input (IN) 3.3V Capability
Extended Temperature Range: -40°C to +125°C
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)

Applications
DC-DC Converters
Line Drivers
Motor Controls
Switch Mode Power Supplies




Similar Part No. - DGD0227

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD0211C DIODES-DGD0211C Datasheet
751Kb / 10P
1.9A HIGH SPEED SINGLE GATE DRIVER
Rev. 3 - 2 November 2021
DGD0211CWT-7 DIODES-DGD0211CWT-7 Datasheet
751Kb / 10P
1.9A HIGH SPEED SINGLE GATE DRIVER
Rev. 3 - 2 November 2021
logo
TECH PUBLIC Electronics...
DGD0211CWT-TP TECHPUBLIC-DGD0211CWT-TP Datasheet
4Mb / 7P
Single-Channel, High-Speed, Low-side Gate Driver
logo
Diodes Incorporated
DGD0211CWTQ DIODES-DGD0211CWTQ Datasheet
781Kb / 9P
1.9A HIGH SPEED SINGLE GATE DRIVER
Rev. 1 - 2 April 2022
DGD0211CWTQ-7 DIODES-DGD0211CWTQ-7 Datasheet
781Kb / 9P
1.9A HIGH SPEED SINGLE GATE DRIVER
Rev. 1 - 2 April 2022
More results


Similar Description - DGD0227

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2101 DIODES-DGD2101 Datasheet
1Mb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8 (TYPE TH)
Rev 2
DGD2106 DIODES-DGD2106 Datasheet
722Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev 3
DGD2181 DIODES-DGD2181 Datasheet
484Kb / 7P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev 1
DGD2190 DIODES-DGD2190 Datasheet
690Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev 3
DGD2106M DIODES-DGD2106M_V01 Datasheet
843Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev 6
DGD2190M DIODES-DGD2190M Datasheet
741Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
October 2019
DGD2005 DIODES-DGD2005_V01 Datasheet
765Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 5 - 2 April 2021
DGD2101M DIODES-DGD2101M_V01 Datasheet
1Mb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 2 - 2 October 2019
DGD2106M DIODES-DGD2106M_V02 Datasheet
909Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 7 - 2 April 2021
DGD2181M DIODES-DGD2181M_V01 Datasheet
607Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 2 - 2 October 2019
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com