Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMHC6070LSD-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMHC6070LSD-13
Description  60V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMHC6070LSD-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  DMHC6070LSD-13 Datasheet HTML 1Page - Diodes Incorporated DMHC6070LSD-13 Datasheet HTML 2Page - Diodes Incorporated DMHC6070LSD-13 Datasheet HTML 3Page - Diodes Incorporated DMHC6070LSD-13 Datasheet HTML 4Page - Diodes Incorporated DMHC6070LSD-13 Datasheet HTML 5Page - Diodes Incorporated DMHC6070LSD-13 Datasheet HTML 6Page - Diodes Incorporated DMHC6070LSD-13 Datasheet HTML 7Page - Diodes Incorporated DMHC6070LSD-13 Datasheet HTML 8Page - Diodes Incorporated DMHC6070LSD-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DMHC6070LSD
Document number: DS38714 Rev. 1 - 2
4 of 10
www.diodes.com
April 2016
© Diodes Incorporated
DMHC6070LSD
Typical Performance Characteristics
– N-Channel
0
1
2
3
4
5
6
7
8
9
10
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
V
= 2.5V
GS
V
= 3.0V
GS
V
= 3.5V
GS
V
= 4.5V
GS
V
= 10V
GS
V
= 4V
GS
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 1 Typical Output Characteristic
0
1
2
3
4
5
6
7
8
9
10
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
V
= 5.0V
DS
T = 150°C
J
T = 125°C
J
T = 85°C
J
T = 25°C
J
T = -55°C
J
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
0
0.03
0.06
0.09
0.12
0.15
0
2
4
6
8
10
V
= 4.5V
GS
V
= 10V
GS
I , DRAIN-SOURCE CURRENT (A)
D
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
0
0.05
0.1
0.15
0.2
0.25
0.3
0
2
4
6
8
10
12
14
16
18
20
I
= 1.5A
D
I = 500mA
D
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 4 Typical Drain-Source On-Resistance
vs. Gate-Source Voltage
0
0.05
0.1
0.15
0.2
0.25
0
1
2
3
4
5
6
7
8
9
10
T = -55°C
J
T = 25°C
J
T = 85°C
J
T = 125°C
J
T = 150°C
J
V
= 4.5V
GS
I , DRAIN CURRENT (A)
D
Figure 5 Typical On-Resistance vs.
Drain Current and Temperature
0
0.5
1
1.5
2
2.5
-50
-25
0
25
50
75
100
125
150
V
= 4.5V
GS
I = 2A
D
V
= 10V
GS
I = 5A
D
T , JUNCTION TEMPERATURE ( C)
J
Figure 6 On-Resistance Variation with Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com