Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMHC6070LSD-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMHC6070LSD-13
Description  60V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMHC6070LSD-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMHC6070LSD-13 Datasheet HTML 1Page - Diodes Incorporated DMHC6070LSD-13 Datasheet HTML 2Page - Diodes Incorporated DMHC6070LSD-13 Datasheet HTML 3Page - Diodes Incorporated DMHC6070LSD-13 Datasheet HTML 4Page - Diodes Incorporated DMHC6070LSD-13 Datasheet HTML 5Page - Diodes Incorporated DMHC6070LSD-13 Datasheet HTML 6Page - Diodes Incorporated DMHC6070LSD-13 Datasheet HTML 7Page - Diodes Incorporated DMHC6070LSD-13 Datasheet HTML 8Page - Diodes Incorporated DMHC6070LSD-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DMHC6070LSD
Document number: DS38714 Rev. 1 - 2
2 of 10
www.diodes.com
April 2016
© Diodes Incorporated
DMHC6070LSD
Maximum Ratings
– N-Channel (@T
A = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 5) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
3.1
2.5
A
t<10s
TA = +25°C
TA = +70°C
ID
4.1
3.3
A
Maximum Continuous Body Diode Forward Current (Note 5)
IS
2.0
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
15
A
Avalanche Current (Note 6) L = 0.1mH
IAS
12
A
Avalanche Energy (Note 6) L = 0.1mH
EAS
8
mJ
Maximum Ratings
– P-Channel (@T
A = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 5) VGS = -10V
Steady
State
TA = 25°C
TA = 70°C
ID
-2.4
-1.9
A
t<10s
TA = 25°C
TA = 70°C
ID
-3.1
-2.5
A
Maximum Continuous Body Diode Forward Current (Note 5)
IS
-2.0
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
-12
A
Avalanche Current (Note 6) L = 0.1mH
IAS
-12
A
Avalanche Energy (Note 6) L = 0.1mH
EAS
8
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
PD
1.6
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
75
°C/W
t<10s
45
Thermal Resistance, Junction to Case (Note 5)
RθJC
11
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com