Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMHC6070LSD-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMHC6070LSD-13
Description  60V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMHC6070LSD-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMHC6070LSD-13 Datasheet HTML 1Page - Diodes Incorporated DMHC6070LSD-13 Datasheet HTML 2Page - Diodes Incorporated DMHC6070LSD-13 Datasheet HTML 3Page - Diodes Incorporated DMHC6070LSD-13 Datasheet HTML 4Page - Diodes Incorporated DMHC6070LSD-13 Datasheet HTML 5Page - Diodes Incorporated DMHC6070LSD-13 Datasheet HTML 6Page - Diodes Incorporated DMHC6070LSD-13 Datasheet HTML 7Page - Diodes Incorporated DMHC6070LSD-13 Datasheet HTML 8Page - Diodes Incorporated DMHC6070LSD-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DMHC6070LSD
Document number: DS38714 Rev. 1 - 2
3 of 10
www.diodes.com
April 2016
© Diodes Incorporated
DMHC6070LSD
Electrical Characteristics
– N-Channel (@T
A = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
60
V
ID = 250µA, VGS= 0V
Zero Gate Voltage Drain Current
IDSS
1
µA
VDS= 60V, VGS= 0V
Gate-Source Leakage
IGSS
100
nA
VGS= 20V, VDS= 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
1.0
3.0
V
ID= 250µA, VDS= VGS
Static Drain-Source On-Resistance
RDS(ON)
60
100
m
Ω
VGS= 10V, ID= 1.0A
70
120
VGS= 4.5V, ID= 0.5A
Diode Forward Voltage
VSD
0.8
1.2
V
VGS= 0V, IS= 3A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
CISS
731
pF
VDS= 20V, VGS= 0V
f= 1MHz
Output Capacitance
COSS
34
Reverse Transfer Capacitance
CRSS
23
Gate resistance
RG
—
1.3
—
Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge
QG

5.2

nC
VGS= 4.5V
VDS= 30V
ID= 3A
Total Gate Charge
QG
11.5
VGS= 10V
Gate-Source Charge
QGS
2.1
Gate-Drain Charge
QGD
1.5
Turn-On Delay Time
tD(ON)
9.6
ns
VDD= 30V, VGS= 10V
RL  50Ω, RG  20Ω
Turn-On Rise Time
tR
11
Turn-Off Delay Time
tD(OFF)
61
Turn-Off Fall Time
tF
21
Body Diode Reverse Recovery Time
tRR

10.5

ns
IS = 1.0A, dI/dt = 100A/μs
Body Diode Reverse Recovery Charge
QRR

4.0

nC
IS = 1.0A, dI/dt = 100A/μs
Electrical Characteristics
– P-Channel (@T
A = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
-60
—
—
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current
IDSS
—
—
-1
μA
VDS = -60V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
-1
—
-3
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS(ON)
—
120
170
m
Ω
VGS = -10V, ID = -1.0A
170
250
VGS = -4.5V, ID = -0.5A
Diode Forward Voltage
VSD
—
-0.8
-1.2
V
VGS = 0V, IS = -2A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
CISS
618
pF
VDS = -20V, VGS = 0V,
f = 1.0MHz
Output Capacitance
COSS
36
Reverse Transfer Capacitance
CRSS
26
Gate resistance
RG

13
Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge
QG

4.3

nC
VGS= -4.5V
VDS= -30V
ID= -2A
Total Gate Charge
QG
8.9
VGS= -10V
Gate-Source Charge
QGS
1.4
Gate-Drain Charge
QGD
1.7
Turn-On Delay Time
tD(ON)
7.6
ns
VDD= -30V, VGS= -10V
RL  50Ω, RG  20Ω
Turn-On Rise Time
tR
11.6
Turn-Off Delay Time
tD(OFF)
79.8
Turn-Off Fall Time
tF
37.8
Body Diode Reverse Recovery Time
tRR

10.8

ns
IS = -1.0A, dI/dt = 100A/μs
Body Diode Reverse Recovery Charge
QRR

3.8

nC
IS = -1.0A, dI/dt = 100A/μs
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
6. IAS and EAS rating are based on low frequency and duty cycles to keep TJ = +25°C
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com