Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA4558FVT Datasheet(PDF) 18 Page - Rohm

Part # BA4558FVT
Description  Low Noise Operational Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4558FVT Datasheet(HTML) 18 Page - Rohm

Back Button BA4558FVT Datasheet HTML 14Page - Rohm BA4558FVT Datasheet HTML 15Page - Rohm BA4558FVT Datasheet HTML 16Page - Rohm BA4558FVT Datasheet HTML 17Page - Rohm BA4558FVT Datasheet HTML 18Page - Rohm BA4558FVT Datasheet HTML 19Page - Rohm BA4558FVT Datasheet HTML 20Page - Rohm BA4558FVT Datasheet HTML 21Page - Rohm BA4558FVT Datasheet HTML 22Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200010-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
18/26
4.SEP.2012 Rev.003
TSZ22111・15・00
BA4558xxx, BA4558Rxxx
○ BA4558R
(*) The above data is measurement value of typical sample, it is not guaranteed.
Fig.40
Power Supply Rejection Ratio
- Ambient Temperature
(VCC/VEE=+4V/-4V to +15V/-15V)
0
25
50
75
100
125
150
-50
-25
0
255075
100
125
AMBIENT TEMPERATURE [
℃]
Fig.41
Slew Rate - Supply Voltage
(CL=100pF, RL=2k
Ω, Ta=25℃)
0.0
0.5
1.0
1.5
2.0
±2
±4
±6
±8
±10
±12
±14
±16
SUPPLY VOLTAGE [V]
Fig.42
Equivalent Input Noise Voltage - Frequency
VCC/VEE=+15V/-15V, RS=100
Ω, Ta=25℃)
0
20
40
60
80
110
100
1000
FREQUENCY [kHz]
Fig.43
Total Harmonic Distortion - Output Voltage
(VCC/VEE=+15V/-15V,AV=20dB,
RL=2k
Ω, 80kHz-LPF, Ta=25℃)
0.0001
0.001
0.01
0.1
1
0.1
1
10
OUTPUT VOLTAGE [Vrms]
20kHz
20Hz
1kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com