Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA4558FVT Datasheet(PDF) 21 Page - Rohm

Part # BA4558FVT
Description  Low Noise Operational Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4558FVT Datasheet(HTML) 21 Page - Rohm

Back Button BA4558FVT Datasheet HTML 17Page - Rohm BA4558FVT Datasheet HTML 18Page - Rohm BA4558FVT Datasheet HTML 19Page - Rohm BA4558FVT Datasheet HTML 20Page - Rohm BA4558FVT Datasheet HTML 21Page - Rohm BA4558FVT Datasheet HTML 22Page - Rohm BA4558FVT Datasheet HTML 23Page - Rohm BA4558FVT Datasheet HTML 24Page - Rohm BA4558FVT Datasheet HTML 25Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200010-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
21/26
4.SEP.2012 Rev.003
TSZ22111・15・00
BA4558xxx, BA4558Rxxx
Test Circuit 3 Channel Separation
Fig.47 Test Circuit 2 (each Op-Amp)
VH
VL
Input wave
t
Input voltage
VH
VL
Δt
ΔV
Output wave
SR=
ΔV/Δt
t
Output voltage
Fig. 48 Slew Rate Input Waveform
VCC
VEE
R1
V
R2
R1//R2
VOUT1
=0.5[Vrms]
VIN
VCC
VEE
R1
V
R2
R1//R2
VOUT2
OTHER
CH
CS
=20×log
100
×VOUT1
VOUT2
Fig. 49 Test circuit 3
(VCC=+15V, VEE=-15V, R1=1k
Ω, R2=100kΩ)
SW1
SW2
SW3
-
+
SW10
SW11
SW12
A
VIN-
VIN+
RL
VCC
VEE
SW9
~
~
SW6
SW7
SW8
~
CL
SW13
SW14
A
V
VOUT
RS
SW5
SW4
V
R1
R2
C
90%
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com