Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA4558FVT Datasheet(PDF) 3 Page - Rohm

Part # BA4558FVT
Description  Low Noise Operational Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4558FVT Datasheet(HTML) 3 Page - Rohm

  BA4558FVT Datasheet HTML 1Page - Rohm BA4558FVT Datasheet HTML 2Page - Rohm BA4558FVT Datasheet HTML 3Page - Rohm BA4558FVT Datasheet HTML 4Page - Rohm BA4558FVT Datasheet HTML 5Page - Rohm BA4558FVT Datasheet HTML 6Page - Rohm BA4558FVT Datasheet HTML 7Page - Rohm BA4558FVT Datasheet HTML 8Page - Rohm BA4558FVT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200010-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
3/26
4.SEP.2012 Rev.003
TSZ22111・15・00
BA4558xxx, BA4558Rxxx
●Absolute Maximum Ratings (Ta=25℃)
○BA4558, BA4558R
Parameter
Symbol
Ratings
Unit
BA4558
BA4558R
Supply Voltage
VCC-VEE
+36
V
Power dissipation
Pd
SOP8
552
*1*5
690
*1*5
mW
SSOP-B8
500
*2*5
625
*2*5
TSSOP-B8
500
*2*5
625
*2*5
MSOP8
470
*3*5
587
*3*5
SOP-J8
540
*4*5
675
*4*5
Differential Input Voltage
*5
Vid
VCC-VEE
+36
V
Input common-mode voltage range
Vicm
VEE to VCC
(VEE-0.3) to VEE+36
V
Operating Supply Voltage
Vopr
+8 to +30 (±4 to ±15)
V
Operating Temperature
Topr
-40 to +85
-40 to +105
℃
Storage Temperature
Tstg
-55 to +125
-55 to +150
℃
Maximum Junction Temperature
Tjmax
+125
+150
℃
Note: Absolute maximum rating item indicates the condition which must not be exceeded.
Application of voltage in excess of absolute maximum rating or use out absolute maximum rated temperature environment
may cause deterioration of characteristics.
*1
To use at temperature above Ta=25℃ reduce 5.52mW.
*2
To use at temperature above Ta=25℃ reduce 5mW.
*3
To use at temperature above Ta=25℃ reduce 4.7mW.
*4
To use at temperature above Ta=25℃ reduce 5.4mW.
*5
Mounted on a FR4 glass epoxy PCB(70mm×70mm×1.6mm).
*6
The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com