Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3DPX1203 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # PI3DPX1203
Description  DisplayPort 1.4 Linear ReDriver for Source, Active Cable & Sink-side Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1203 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button PI3DPX1203 Datasheet HTML 9Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 10Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 11Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 12Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 13Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 14Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 15Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 16Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
PI3DPX1203
A product Line of
Diodes Incorporated
13 of 43
www.diodes.com
February 2021
© Diodes Incorporated
PI3DPX1203
Document number DS40598 Rev 2-2
6. Electrical Specification
6.1 Absolute Maximum Ratings
Storage Temperature ..........................................................................................................................................–65 °C to +150 °C
Supply Voltage to Ground Potential....................................................................................................................–0.5 V to +4.6 V
DC SIG Voltage............................................................................................................................................–0.5 V to VDD + 0.5 V
Output Current.................................................................................................................................................–25 mA to +25 mA
Power Dissipation Continuous............................................................................................................................................1.63 W
ESD, HBM ................................................................................................................................................................–2 kV to +2 kV
Maximum junction Temperature.........................................................................................................................................125 °C
Note:
Stresses greater than those listed under MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maxi-
mum rating conditions for extended periods may affect reliability.
6.2 Recommended Operating Conditions(1)
Parameter(1)
Min.
Typ.
Max
Units
Power supply voltage (VDD to GND)
3.0
3.3
3.6
V
Supply Noise Tolerance (from 100KHz to 10MHz)
100
mVp-p
Ambient Temperature
-40
25
85
oC
(1) Typical parameters are measured at VCC = 3.3 ± 0.3V, TA = 25°C. They are for reference purposes, and are not production-tested
6.3 Power Consumption
Symbol
Parameter
Conditions
Min.
Typ.
Max
Units
VDD
Power supply voltage
3.0
3.3
3.6
V
IDD
Power supply current
SW[1:0]=11, VDD = 3.6 V
260
360
mA
IDDQ
Standby current
All other control pins are open
2.0
4.2
mA
6.4 AC/DC Characteristics
6.4.1 LVCMOS I/O DC Specifications
Symbol
Parameter
Conditions
Min.
Typ.
Max
Units
VIH
DC input logic HIGH
VDD/2 +
0.7
VDD + 0.3
V
VIL
DC input logic LOW
-0.3
VDD/2 -
0.7
V
VOH
At IOH = -200 µA
VDD + 0.2
V
VOL
At IOL = -200 µA
0.2
V
Vhys
Hysteresis of Schmitt trigger input
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com