Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3DPX1203 Datasheet(PDF) 21 Page - Diodes Incorporated

Part # PI3DPX1203
Description  DisplayPort 1.4 Linear ReDriver for Source, Active Cable & Sink-side Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1203 Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button PI3DPX1203 Datasheet HTML 17Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 18Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 19Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 20Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 21Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 22Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 23Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 24Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 25Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
PI3DPX1203
A product Line of
Diodes Incorporated
21 of 43
www.diodes.com
February 2021
© Diodes Incorporated
PI3DPX1203
Document number DS40598 Rev 2-2
6.6 Output Eye diagram, Trace length and EQ
Condition: Output Eye Opening with Input Equalization, 8.1 Gbps, Vdd=3.0V, 25C , Using PRBS 2^23-1 pattern, Input Swing=800mVd,
Output Swing= 1000mV
Output Eye waveform at FG 0.5dB
No Trace, FG = 0.5dB
FG=10(+0.5dB) 6-in
FG=10(+0.5dB) 12-in
FG=10(+0.5dB) 18-in
EQ=0000(4.5dB)
EQ=0000(4.5dB)
EQ=0100(6.6dB)
EQ=0110(7.6dB)
FG=10(+0.5dB) 24-in
FG=10(+0.5dB) 30-in
FG=10(0.5dB) 36-in
FG=10(+0.5dB) 48-in
EQ=1010(9.3dB)
EQ=1101(10.5dB)
EQ=1101(10.5dB)
EQ=1111(11.1dB)
Output Eye waveform at FG 2.5dB
FG=11 (+2.5dB) No Trace
FG=11 (+2.5dB), 6-in
FG=11 (+2.5dB), 12-in
FG=11 (+2.5dB) 18-in
EQ=0000(4.5dB)
EQ=0000(4.5dB)
EQ=0010(5.6dB)
EQ=0111(8.0dB)
FG=11 (+2.5dB) 24-in
FG=11 (+2.5dB) 30-in
FG=11 (+2.5dB) 36-in
FG=11 (+2.5dB) 48-in
EQ=1011(9.7dB)
EQ=1101(10.5dB)
EQ=1110(10.8dB)
EQ=1111(11.1dB)
Note:
(1) Trace card insertion loss profile is shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com