Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C9X760 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # PI7C9X760
Description  I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X760 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button PI7C9X760 Datasheet HTML 3Page - Diodes Incorporated PI7C9X760 Datasheet HTML 4Page - Diodes Incorporated PI7C9X760 Datasheet HTML 5Page - Diodes Incorporated PI7C9X760 Datasheet HTML 6Page - Diodes Incorporated PI7C9X760 Datasheet HTML 7Page - Diodes Incorporated PI7C9X760 Datasheet HTML 8Page - Diodes Incorporated PI7C9X760 Datasheet HTML 9Page - Diodes Incorporated PI7C9X760 Datasheet HTML 10Page - Diodes Incorporated PI7C9X760 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
7
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X760
Document Number DS40305 Rev 6-2
A product Line of
Diodes Incorporated
PI7C9X760
Functional Description
The UART will perform serial-to-I2C-bus conversion on data characters received from peripheral devices or modems, and I2C-bus-
to-serial conversion on data characters transmitted by the host. The complete status of the UART can be read at any time during
functional operation by the host.
The UART can be placed in an alternate mode (FIFO mode) relieving the host of excessive software overhead by buffering received/
transmitted characters. Both the receiver and transmitter FIFOs can store up to 64 characters (including three additional bits of error
status per character for the receiver FIFO) and have selectable or programmable trigger levels.
The UART has selectable hardware flow control and software flow control. Hardware flow control significantly reduces software
overhead and increases system efficiency by automatically controlling serial data flow using the RTS output and CTS input signals.
Software flow control automatically controls data flow by using programmable Xon/Xoff characters.
The UART includes a programmable baud rate generator that can divide the timing reference clock input by a divisor between 1 and
(216 - 1).
1. Trigger levels
The UART provides independently selectable and programmable trigger levels for both receiver and transmitter interrupt generation.
After reset, both transmitter and receiver FIFOs are disabled and so, in effect, the trigger level is the default value of one character.
The selectable trigger levels are available via the FIFO Control Register (FCR). The programmable trigger levels are available via the
Trigger Level Register (TLR). If TLR bits are cleared, then selectable trigger level in FCR is used. If TLR bits are not cleared, then
programmable trigger level in TLR is used.
2. Hardware flow control
Hardware flow control is comprised of Auto-CTS and Auto-RTS (see Figure 1). Auto-CTS and Auto-RTS can be enabled/disabled
independently by programming EFR[7:6].
With Auto-CTS, CTS must be active before the UART can transmit data.
Auto-RTS only activates the RTS output when there is enough room in the FIFO to receive data and de-activates the RTS output when
the RX FIFO is sufficiently full. The halt and resume trigger levels in the Transmission Control Register (TCR) determine the levels at
which RTS is activated/deactivated. If TCR bits are cleared, then selectable trigger levels in FCR are used in place of TCR.
If both Auto-CTS and Auto-RTS are enabled, when RTS is connected to CTS, data transmission does not occur unless the receiver
FIFO has empty space. Thus, overrun errors are eliminated during hardware flow control. If not enabled, overrun errors occur if the
transmit data rate exceeds the receive FIFO servicing latency.
RX
FIFO
Figure 1. Auto ow control (Auto-RTS and Auto-CTS) example
TX
FIFO
SERIAL TO
PARALLEL
FLOW
CONTROL
PARALLEL
TO SERIAL
FLOW
CONTROL
RX
FIFO
TX
FIFO
SERIAL TO
PARALLEL
FLOW
CONTROL
PARALLEL
TO SERIAL
FLOW
CONTROL
UART 1
UART 2
TX
TX
RX
RX
RTS
RTS
CTS
CTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com