Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C9X760 Datasheet(PDF) 32 Page - Diodes Incorporated

Part # PI7C9X760
Description  I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X760 Datasheet(HTML) 32 Page - Diodes Incorporated

Back Button PI7C9X760 Datasheet HTML 28Page - Diodes Incorporated PI7C9X760 Datasheet HTML 29Page - Diodes Incorporated PI7C9X760 Datasheet HTML 30Page - Diodes Incorporated PI7C9X760 Datasheet HTML 31Page - Diodes Incorporated PI7C9X760 Datasheet HTML 32Page - Diodes Incorporated PI7C9X760 Datasheet HTML 33Page - Diodes Incorporated PI7C9X760 Datasheet HTML 34Page - Diodes Incorporated PI7C9X760 Datasheet HTML 35Page - Diodes Incorporated PI7C9X760 Datasheet HTML 36Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
32
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X760
Document Number DS40305 Rev 6-2
A product Line of
Diodes Incorporated
PI7C9X760
Offset 07H: Scratch Pad Register (SPR). Accessible when LCR[7]=0 and MCR[2]=0. Default=FF
Bit
Type
Description
[7:0]
RW
This is 8-bit general purpose register for the user to store temporary data. The content is preserved
during sleep mode.
Note: It is reset only when Power-On-Reset.
Offset 07H: Trigger Level Register (TLR). Accessible when EFR[4]=1 and MCR[2]=1. Default=00
Bit
Type
Description
[7:4]
RW
RX FIFO Trigger level.
When the number of characters received in RX FIFO is greater than or equal to the value (decimal
value of TLR[7:4] multiplied by 4), a Receive Data Ready interrupt is generated. If TLR[7:4]=0x0, then
the RX FIFO Trigger Level is the value selected by FCR[7:6]
[3:0]
RW
TX FIFO Trigger level.
When the number of available space in TX FIFO is greater than or equal to the value (decimal value
of TLR[3:0] multiplied by 4), a Transmit Ready interrupt is generated. If TLR[3:0]=0x0, then the TX
FIFO Trigger Level is the value selected by FCR[5:4]
Offset 07H: XOFF2 character Register (XOFF2). Accessible when LCR=0xBF and SFREN!=0x5A. Default=00
Bit
Type
Description
[7:0]
RW
XOFF2 character
Note: It is reset only when Power-On-Reset.
Offset 08H: Transmit FIFO Level Register (TXLVL). Accessible when SFR[2]=0. Default=40
Bit
Type
Description
[7:0]
RO
This register reports the number of spaces available in the TX FIFO.
Offset 09H: Receiver FIFO Level Register (RXLVL). Accessible when SFR[2]=0. Default=00
Bit
Type
Description
[7:0]
RO
This register reports the number of character available in the RX FIFO.
Offset 0AH: GPIO Direction Register (IODir). Default=00
Bit
Type
Description
[7:0]
RW
This register program the direction of the GPIO pins.
0 = set GPIO pin as input
1 = set GPIO pin as output
Offset 0BH: GPIO State Register (IOState). Default=FF
Bit
Type
Description
[7:0]
RW
This register reports the state of all GPIO pins during read and writes to any GPIO that is an output
0 = set output pin LOW
1 = set output pin HIGH
Configuration Registers cont..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com