Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C9X760 Datasheet(PDF) 37 Page - Diodes Incorporated

Part # PI7C9X760
Description  I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X760 Datasheet(HTML) 37 Page - Diodes Incorporated

Back Button PI7C9X760 Datasheet HTML 33Page - Diodes Incorporated PI7C9X760 Datasheet HTML 34Page - Diodes Incorporated PI7C9X760 Datasheet HTML 35Page - Diodes Incorporated PI7C9X760 Datasheet HTML 36Page - Diodes Incorporated PI7C9X760 Datasheet HTML 37Page - Diodes Incorporated PI7C9X760 Datasheet HTML 38Page - Diodes Incorporated PI7C9X760 Datasheet HTML 39Page - Diodes Incorporated PI7C9X760 Datasheet HTML 40Page - Diodes Incorporated PI7C9X760 Datasheet HTML 41Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
37
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X760
Document Number DS40305 Rev 6-2
A product Line of
Diodes Incorporated
PI7C9X760
DC Electrical Characteristics
(TA = -40o to + 85oC, VDD = 1.62V - 3.63V)
Symbol
Parameter
VDD = 1.8V
± 10%
VDD = 2.5V
± 10%
VDD = 3.3V
± 10%
Unit
Conditions
Min.
Max.
Min.
Max.
Min.
Max.
VILCK
Clock input low level
-0.3
0.3
-0.3
0.6
-0.3
0.6
V
VIHCK
Clock input high level
1.4
VDD
1.8
VDD
2.4
VDD
V
VIL
Input low voltage
-0.3
0.2
-0.3
0.5
-0.3
0.8
V
VIH
Input high voltage
1.4
5.5
1.8
5.5
2.0
5.5
V
VOL
Output low voltage
0.4
0.4
0.4
V
V
V
IOL = 4 mA
IOL = 2 mA
IOL = 1.5 mA
VOH
Output high voltage
1.4
1.8
2.0
V
V
V
IOH = -1 mA
IOH = -400 uA
IOH = -200 uA
IIL
Input low leakage current
10
10
10
uA
IIH
Input high leakage current
10
10
10
uA
CIN
Input pin capacitance
5
5
5
pF
ICC
Power supply current
3
3
6
mA
XTAL1 = 14.75
MHz
ISLEEP
Sleep current
15
20
30
uA
Note: 5.5V steady voltage tolerance on inputs and outputs is valid only when the supply voltage is present.
Note: Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the op-
erational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods
may affect reliability.
AC Electrical Characteristics - UART Clock
(TA = -40o to + 85oC, VDD = 1.62V - 3.63V)
Symbol
Parameter
VDD = 1.8V
± 5%
VDD = 1.8V ±
10%
VDD = 2.5V ±
10%
VDD = 3.3V ±
10%
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
XTAL1
UART Crystal Oscillator
24
24
24
24
MHz
ECLK
UART External Clock
32
24
250
64
MHz
TECLK
External Clock Time Period
1/ECLK
1/ECLK
1/ECLK
1/ECLK
ns
Power Supply Range.........................................................................3.8V
Voltage at IO Pins ......................................................GND-0.3V to 5.5V
Storage Temperature ....................................................–65°C to +150°C
Package Dissipation....................................................................500 mW
Junction Temperature (Tj).............................................................. 125oC
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com