Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF19NF20 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STF19NF20
Description  N-channel 200 V, 0.11 Ω, 15 A, MESH OVERLAY™ Power MOSFETs in D2PAK, DPAK, TO‑220FP and TO-220 packages
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF19NF20 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STF19NF20 Datasheet HTML 10Page - STMicroelectronics STF19NF20 Datasheet HTML 11Page - STMicroelectronics STF19NF20 Datasheet HTML 12Page - STMicroelectronics STF19NF20 Datasheet HTML 13Page - STMicroelectronics STF19NF20 Datasheet HTML 14Page - STMicroelectronics STF19NF20 Datasheet HTML 15Page - STMicroelectronics STF19NF20 Datasheet HTML 16Page - STMicroelectronics STF19NF20 Datasheet HTML 17Page - STMicroelectronics STF19NF20 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Table 10. D²PAK (TO-263) type B mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.36
4.56
A1
0
0.25
b
0.70
0.90
b1
0.51
0.89
b2
1.17
1.37
b3
1.36
1.46
c
0.38
0.694
c1
0.38
0.534
c2
1.19
1.34
D
8.60
9.00
D1
6.90
7.50
E
10.15
10.55
E1
8.10
8.70
e
2.54 BSC
H
15.00
15.60
L
1.90
2.50
L1
1.65
L2
1.78
L3
0.25
L4
4.78
5.28
STB19NF20,STD19NF20,STF19NF20,STP19NF20
D²PAK (TO-263) type B package information
DS4935 - Rev 7
page 14/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com