Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF19NF20 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STF19NF20
Description  N-channel 200 V, 0.11 Ω, 15 A, MESH OVERLAY™ Power MOSFETs in D2PAK, DPAK, TO‑220FP and TO-220 packages
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF19NF20 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STF19NF20 Datasheet HTML 22Page - STMicroelectronics STF19NF20 Datasheet HTML 23Page - STMicroelectronics STF19NF20 Datasheet HTML 24Page - STMicroelectronics STF19NF20 Datasheet HTML 25Page - STMicroelectronics STF19NF20 Datasheet HTML 26Page - STMicroelectronics STF19NF20 Datasheet HTML 27Page - STMicroelectronics STF19NF20 Datasheet HTML 28Page - STMicroelectronics STF19NF20 Datasheet HTML 29Page - STMicroelectronics STF19NF20 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Revision history
Table 17. Document revision history
Date
Version
Changes
13-Oct-2006
1
First release.
17-Nov-2006
2
Part number has been modified.
02-Feb-2007
3
Preliminary version.
16-Feb-2007
4
TO-220FP package has been added.
15-Oct-2012
5
Updated Section 4: Package information and Section 4: Package information.
Minor text changes.
16-Apr-2015
6
Throughout document:
– added DPAK package information
– text and formatting updates
Updated Figure 1: Internal schematic diagram
Updated Table 2: Absolute maximum ratings
Updated Table 3: Thermal data
Updated and renamed Table 5: Static (was On/off states)
09-Aug-2018
7
Removed maturity status indication from cover page. The document status is
production data.
Updated Table 5. Dynamic.
Updated Section 5 Package information.
Minor text changes
STB19NF20,STD19NF20,STF19NF20,STP19NF20
DS4935 - Rev 7
page 28/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com