Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF19NF20 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STF19NF20
Description  N-channel 200 V, 0.11 Ω, 15 A, MESH OVERLAY™ Power MOSFETs in D2PAK, DPAK, TO‑220FP and TO-220 packages
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF19NF20 Datasheet(HTML) 2 Page - STMicroelectronics

  STF19NF20 Datasheet HTML 1Page - STMicroelectronics STF19NF20 Datasheet HTML 2Page - STMicroelectronics STF19NF20 Datasheet HTML 3Page - STMicroelectronics STF19NF20 Datasheet HTML 4Page - STMicroelectronics STF19NF20 Datasheet HTML 5Page - STMicroelectronics STF19NF20 Datasheet HTML 6Page - STMicroelectronics STF19NF20 Datasheet HTML 7Page - STMicroelectronics STF19NF20 Datasheet HTML 8Page - STMicroelectronics STF19NF20 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
1
Electrical ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
D²PAK, DPAK,
TO-220
TO-220FP
VDS
Drain-source voltage
200
VGS
Gate-source voltage
±20
V
ID
Drain current (continuous) at TC = 25 °C
15
15(1)
A
Drain current (continuous) at TC = 100 °C
9.45
9.45(1)
IDM(2)
Drain current (pulsed)
60
60(1)
A
PTOT
Total dissipation at Tcase = 25 °C
90
25
W
VISO
Insulation withstand voltage (RMS) from all three leads to
external heat sink (t = 1 s, TC = 25 °C)
2.5
kV
dv/dt(3)
Peak diode recovery voltage slope
15
V/ns
Tstg
Storage temperature range
-55 to 150
°C
Tj
Operating junction temperature range
1. This value is limited by package.
2. Pulse width is limited by safe operating area.
3. ISD ≤ 15 A, di/dt ≤ 300 A/μs, VDD = 80 % V(BR)DSS
Table 2. Thermal data
Symbol
Parameter
Value
Unit
D²PAK
DPAK
TO-220
TO-220FP
Rthj-case
Thermal resistance junction-case
1.39
5
°C/W
Rthj-pcb(1)
Thermal resistance junction-pcb
35
50
Rthj-amb
Thermal resistance junction-ambient
62.5
1. When mounted on an 1-inch² FR-4, 2oz Cu board
Table 3. Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not repetitive (pulse width limited by Tjmax)
15
A
EAS
Single-pulse avalanche energy (starting Tj = 25 °C, ID = IAR, VDD = 50 V)
110
mJ
STB19NF20,STD19NF20,STF19NF20,STP19NF20
Electrical ratings
DS4935 - Rev 7
page 2/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com