Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS208D1 Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLS208D1
Description  Linear Voltage Post Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS208D1 Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLS208D1 Datasheet HTML 21Page - Infineon Technologies AG TLS208D1 Datasheet HTML 22Page - Infineon Technologies AG TLS208D1 Datasheet HTML 23Page - Infineon Technologies AG TLS208D1 Datasheet HTML 24Page - Infineon Technologies AG TLS208D1 Datasheet HTML 25Page - Infineon Technologies AG TLS208D1 Datasheet HTML 26Page - Infineon Technologies AG TLS208D1 Datasheet HTML 27Page - Infineon Technologies AG TLS208D1 Datasheet HTML 28Page - Infineon Technologies AG TLS208D1 Datasheet HTML 29Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
TLS208D1
Application Information
Data Sheet
25
Rev. 1.0, 2015-02-26
9.2
Fixed Voltage Version - TLS208D1xxV33
Figure 10
Application Diagram Fixed Voltage Version (e.g. TLS208D1LDV33)
Note: This is a very simplified example of an application circuit. The function must be verified in the real application.
For the fixed voltage variants of the TLS208D1 the feedback pin FB must be connected to the output voltage to
be regulated. This connection is mandatory to ensure proper regulation.
The output capacitor should be sized according to the application needs in terms of load and line variations.
Examples for loadsteps are given as typical performance graphs at Page 15.
TLS208D1 is designed to work with ceramic output caps, but allows also the usage of other capacitors according
to the allowed ESR range defined in the Functional Range. Furthermore there is a typ. performance graph on the
stability of the device at Page 14.
The fixed voltage variants have an default internal reset threshold (P_8.2.1) which can be used by connecting the
RADJ pin to GND. Furthermore the reset threshold can be adjusted to lower values than the internal reset
threshold by connecting a resistor divider (
R
RADJ,1 & RRADJ2) between the Q and RADJ. For the calculation of the
resistor values please refer to Equation (1) in Chapter 8.1.
VI
I
220nF
EN
1
2
3
TLS208D1LDV33
5
10
9
8
7
6
4
From µC
GND
LOAD
Regulated
Output Voltage
Q
To µC
Reset
RO
RADJ
RADJ,1
RADJ,2
ESR
C
CQ
Cin
optional
RRO,ext
FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com