Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS208D1 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLS208D1
Description  Linear Voltage Post Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS208D1 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLS208D1 Datasheet HTML 17Page - Infineon Technologies AG TLS208D1 Datasheet HTML 18Page - Infineon Technologies AG TLS208D1 Datasheet HTML 19Page - Infineon Technologies AG TLS208D1 Datasheet HTML 20Page - Infineon Technologies AG TLS208D1 Datasheet HTML 21Page - Infineon Technologies AG TLS208D1 Datasheet HTML 22Page - Infineon Technologies AG TLS208D1 Datasheet HTML 23Page - Infineon Technologies AG TLS208D1 Datasheet HTML 24Page - Infineon Technologies AG TLS208D1 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
TLS208D1
Reset Function
Data Sheet
21
Rev. 1.0, 2015-02-26
8.2
Electrical Characteristics Reset Function
Table 7
Electrical Characteristics
V
I = VQ,nom + 1 V and VI > 2.7 V ; Tj = -40 °C to +150 °C ; all voltages
with respect to ground (unless otherwise specified)
Parameter
Symbol
Values
Unit Note / Test Condition
Number
Min.
Typ.
Max.
Fixed Reset Threshold (TLS208D1EJV33 only)
Output Undervoltage Reset
Threshold (default)
only TLS208D1EJV33 and
TLS208D1LDV33
V
RT,def
2.87
2.97
3.07
V
V
RADJ =0V
1.355 V ≤
V
RT
P_8.2.1
Output Undervoltage Reset
Hysteresis
V
RT,hyst
33
66
99
mV
P_8.2.2
Adjustable Reset Threshold
Reset Adjust Lower Switching
Threshold
TLS208D1EJV33
TLS208D1LDV33
V
RADJ
1.14
1.2
1.24
V
0.8
V
Q,nom ≤VRT ≤ 0.87VQ,n
om
P_8.2.3
Reset Adjust Lower Switching
Threshold
TLS208D1EJV33
TLS208D1LDV33
V
RADJ
1.16
1.2
1.24
V
1.355 V ≤
V
RT <0.8VQ,no
m
P_8.2.4
Reset Adjust Lower Switching
Threshold
TLS208D1EJV
TLS208D1LDV
V
RADJ
1.16
1.2
1.24
V
1.355 V ≤
V
RT <0.9VQ,no
m
P_8.2.5
Reset Adjust Switching
Threshold Hysteresis 1)
1) This parameter is not subject to production test, specified by design
V
RADJ,hyst
–25
–
mV
P_8.2.6
Reset Adjust Pull-down Current
I
RADJ
––
1
µA
P_8.2.7
Input Voltage Monitor
Input Reset Threshold
V
In-RT
2.4
2.5
2.625
V
V
I decreasing
P_8.2.8
Input Reset Threshold
Hysteresis 1)
V
In-RT,Hyst
–60
–
mV
V
I increasing
P_8.2.9
Reset Timing Characteristic
Power On Reset Delay Time
t
rd
610
14
ms
P_8.2.10
Internal Reset Reaction Time
t
rr,int
––
10
µs
P_8.2.11
Reset Output Characteristic
Reset Pin Leakage
I
RO,leak
––
1
µA
V
RO = VQ,nom
P_8.2.12
Reset Output Low Voltage
V
RO,Low
––
0.4
V
R
RO,ext =5kΩ ;
1V ≤
V
Q ≤ VQ,nom
P_8.2.13
Reset Output external Pull-up
Resistor to Q
R
RO,ext
5–
–
kΩ
V
RO ≤ 0.4 V ;
1V ≤
V
Q ≤ VQ,nom
P_8.2.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com