Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS208D1 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLS208D1
Description  Linear Voltage Post Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS208D1 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLS208D1 Datasheet HTML 9Page - Infineon Technologies AG TLS208D1 Datasheet HTML 10Page - Infineon Technologies AG TLS208D1 Datasheet HTML 11Page - Infineon Technologies AG TLS208D1 Datasheet HTML 12Page - Infineon Technologies AG TLS208D1 Datasheet HTML 13Page - Infineon Technologies AG TLS208D1 Datasheet HTML 14Page - Infineon Technologies AG TLS208D1 Datasheet HTML 15Page - Infineon Technologies AG TLS208D1 Datasheet HTML 16Page - Infineon Technologies AG TLS208D1 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
TLS208D1
Voltage Regulator
Data Sheet
13
Rev. 1.0, 2015-02-26
Dropout Voltage
V
dr vs.
Load Current
I
Q (VQ,nom =3.3V)
Dropout Voltage
V
dr vs.
Output Voltage
V
Q (IQ =400 mA)
Dropout Voltage
V
dr vs.
Output Voltage
V
Q (IQ =800 mA)
Adjust Pin Current
I
ADJ vs.
Junction Temperature
T
j
0
200
400
600
800
0
100
200
300
400
500
600
700
800
900
I
Q
[mA]
V
Qnom
= 3.3 V
T
j
= −40
°C
T
j
= 25
°C
T
j
= 125
°C
T
j
= 150
°C
1
2
3
4
5
0
200
400
600
800
1000
1200
V
Q
[V]
T
j
= −40
°C
T
j
= 25
°C
T
j
= 125
°C
T
j
= 150
°C
1
2
3
4
5
0
200
400
600
800
1000
1200
1400
1600
1800
V
Q
[V]
T
j
= −40
°C
T
j
= 25
°C
T
j
= 125
°C
T
j
= 150
°C
−50
0
50
100
150
0
50
100
150
200
250
300
T
j
[
°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com