Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9E104FJ Datasheet(PDF) 1 Page - Rohm

Part # BD9E104FJ
Description  7.0 V to 26.0 V Input, 1 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9E104FJ Datasheet(HTML) 1 Page - Rohm

  BD9E104FJ Datasheet HTML 1Page - Rohm BD9E104FJ Datasheet HTML 2Page - Rohm BD9E104FJ Datasheet HTML 3Page - Rohm BD9E104FJ Datasheet HTML 4Page - Rohm BD9E104FJ Datasheet HTML 5Page - Rohm BD9E104FJ Datasheet HTML 6Page - Rohm BD9E104FJ Datasheet HTML 7Page - Rohm BD9E104FJ Datasheet HTML 8Page - Rohm BD9E104FJ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
〇Product structure : Silicon monolithic integrated circuit 〇This product has no designed protection against radioactive rays
.
1/30
TSZ02201-0F3F0AJ00170-1-2
© 2017 ROHM Co., Ltd. All rights reserved.
11.Dec.2017 Rev.001
TSZ22111
• 14 • 001
www.rohm.com
2
3
VIN
12V
VIN
EN
COMP
AGND
PGND
FB
1
8
5
7
4
6
Enable
BD9E104FJ
VOUT
BOOT
SW
7.0 V to 26.0 V Input, 1 A Integrated MOSFET
Single Synchronous Buck DC/DC Converter
BD9E104FJ
General Description
BD9E104FJ is a synchronous buck DC/DC converter with
built-in low on-resistance power MOSFETs. High efficiency
at light load with a SLLMTM (Simple Light Load Mode). It is
most suitable for use in the equipment to reduce the
standby power is required. It is a current mode control
DC/DC converter and features high-speed transient
response. Phase compensation can also be set easily.
Features
 SLLMTM Control (Simple Light Load Mode)
 Single Synchronous Buck DC/DC converter
 Over Current Protection
 Short Circuit Protection
 Thermal Shutdown Protection
 Under Voltage Lockout Protection
 Internal Soft Start
 Reduce External Diode
 SOP-J8 Package
Applications
 Consumer Applications such as Home Appliance
 Secondary Power Supply and Adapter Equipment
 Telecommunication Devices
Key Specifications
Input Voltage Range:
7.0 V to 26.0 V
Output Voltage Range:
1.0 V to VIN x 0.5 V
Output Current:
1.0 A (Max)
Switching Frequency:
570 kHz (Typ)
High Side MOSFET ON-Resistance:250
mΩ (Typ)
Low Side MOSFET ON-Resistance: 200
mΩ (Typ)
Shutdown Current:
0
μA (Typ)
Package
W(Typ) x D(Typ) x H(Max)
SOP-J8
4.90mm x 6.00mm x 1.65mm
Typical Application Circuit
SLLMTM is a trademark of ROHM Co., Ltd.
Figure 1. Application Circuit
SOP-J8
Datasheet


Similar Part No. - BD9E104FJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9E100FJ-LB ROHM-BD9E100FJ-LB Datasheet
3Mb / 33P
7.0V to 36V Input, 1.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9E100FJ-LBH2 ROHM-BD9E100FJ-LBH2 Datasheet
3Mb / 33P
7.0V to 36V Input, 1.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9E101FJ-LB ROHM-BD9E101FJ-LB Datasheet
3Mb / 33P
7.0V to 36V Input, 1.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9E101FJ-LBH2 ROHM-BD9E101FJ-LBH2 Datasheet
3Mb / 33P
7.0V to 36V Input, 1.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9E102FJ ROHM-BD9E102FJ Datasheet
1Mb / 32P
7.0V to 26V Input, 1.0A, Integrated MOSFET
More results

Similar Description - BD9E104FJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9E200FP4-Z ROHM-BD9E200FP4-Z Datasheet
1Mb / 38P
4.5 V to 26 V Input, 2.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
25.Mar.2022 Rev.001
BD9E201FP4-Z ROHM-BD9E201FP4-Z Datasheet
1Mb / 40P
4.5 V to 28 V Input, 2.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
25.Mar.2022 Rev.001
BD9S109NUX-C ROHM-BD9S109NUX-C Datasheet
1Mb / 40P
2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
06.Apr.2022 Rev.001
BD9B305QUZ ROHM-BD9B305QUZ Datasheet
4Mb / 44P
2.7 V to 5.5 V Input, 3.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
08.Mar.2019 Rev.001
BD9D300MUV ROHM-BD9D300MUV Datasheet
1Mb / 42P
4.0 V to 17 V Input, 3 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
16.Sep.2021 Rev.002
BD9F500QUZ ROHM-BD9F500QUZ Datasheet
3Mb / 58P
4.5 V to 36 V Input, 5 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
02.Apr.2020 Rev.001
BD9S11XNUX-C ROHM-BD9S11XNUX-C Datasheet
2Mb / 34P
2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
05.Sep.2018 Rev.001
BD9B206NF-Z ROHM-BD9B206NF-Z Datasheet
3Mb / 45P
2.7 V to 5.5 V Input, 2.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
01.Apr.2023 Rev.001
BD9B306NF-Z ROHM-BD9B306NF-Z Datasheet
3Mb / 45P
2.7 V to 5.5 V Input, 3.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
01.Mar.2023 Rev.001
BD9B406NF-Z ROHM-BD9B406NF-Z Datasheet
3Mb / 45P
2.7 V to 5.5 V Input, 4.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
01.Apr.2023 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com