Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9E104FJ Datasheet(PDF) 2 Page - Rohm

Part # BD9E104FJ
Description  7.0 V to 26.0 V Input, 1 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9E104FJ Datasheet(HTML) 2 Page - Rohm

  BD9E104FJ Datasheet HTML 1Page - Rohm BD9E104FJ Datasheet HTML 2Page - Rohm BD9E104FJ Datasheet HTML 3Page - Rohm BD9E104FJ Datasheet HTML 4Page - Rohm BD9E104FJ Datasheet HTML 5Page - Rohm BD9E104FJ Datasheet HTML 6Page - Rohm BD9E104FJ Datasheet HTML 7Page - Rohm BD9E104FJ Datasheet HTML 8Page - Rohm BD9E104FJ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
2/30
TSZ02201-0F3F0AJ00170-1-2
© 2017 ROHM Co., Ltd. All rights reserved.
11.Dec.2017 Rev.001
www.rohm.com
TSZ22111
• 15 • 001
BD9E104FJ
8
SW
PGND
FB
BOOT
VIN
EN
AGND
COMP
Pin Configuration
Pin Descriptions
Pin No.
Pin Name
Description
1
BOOT
Connect a bootstrap capacitor of 0.1 µF between this pin and the SW pin.
The voltage of this capacitor is the gate drive voltage of the High Side MOSFET.
2
VIN
Power supply pin for the switching regulator and control circuit.
Connecting a 10 µF ceramic capacitor is recommended.
3
EN
Turning this pin signal low-level (0.8 V or lower), the device is forced to be in the shutdown
mode. Turning this pin signal high-level (2.5 V or higher) enables the device. This pin must
be terminated.
4
AGND
Ground pin for the control circuit.
5
FB
Inverting input node for the gm error amplifier.
See page 21 for how to calculate the resistance of the output voltage setting.
6
COMP
Input pin for the gm error amplifier output and the output for the PWM comparator.
Connect phase compensation components to this pin.
See page 22 for how to calculate the resistance and capacitance for phase compensation.
7
PGND
Ground pin for the output stage of the switching regulator.
8
SW
Switch pin. This pin is connected to the source of the High Side MOSFET and drain of the
Low Side MOSFET. Connect a bootstrap capacitor of 0.1 µF between this pin and the
BOOT pin. In addition, connect an inductor considering the direct current superimposition
characteristic.
7
8
6
5
3
4
2
1
(TOP VIEW)
Figure 2. Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com