Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9E104FJ Datasheet(PDF) 21 Page - Rohm

Part # BD9E104FJ
Description  7.0 V to 26.0 V Input, 1 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9E104FJ Datasheet(HTML) 21 Page - Rohm

Back Button BD9E104FJ Datasheet HTML 17Page - Rohm BD9E104FJ Datasheet HTML 18Page - Rohm BD9E104FJ Datasheet HTML 19Page - Rohm BD9E104FJ Datasheet HTML 20Page - Rohm BD9E104FJ Datasheet HTML 21Page - Rohm BD9E104FJ Datasheet HTML 22Page - Rohm BD9E104FJ Datasheet HTML 23Page - Rohm BD9E104FJ Datasheet HTML 24Page - Rohm BD9E104FJ Datasheet HTML 25Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
21/30
TSZ02201-0F3F0AJ00170-1-2
© 2017 ROHM Co., Ltd. All rights reserved.
11.Dec.2017 Rev.001
www.rohm.com
TSZ22111
• 15 • 001
BD9E104FJ
VOUT
R2
FB
0.8V
R3
ERR
R1
Selection of Components Externally Connected - continued
*Be careful of total capacitance value, when additional capacitor CLOAD is connected to output capacitor COUT.
Use maximum additional capacitor CLOAD (Max) condition which satisfies the following method.
Maximum starting inductor ripple current IL_START can be expressed in the following method.
IL_START =
Maximum starting output current (IOUTMAX) +
Charge current to output capacitor(ICAP) +
∆IL
2
Charge current to output capacitor ICAP can be expressed in the following method.
[A]
Computation with VIN=12 V, VOUT=5 V, L=6.8 µH, IOUTMAX=1 A (Max), switching frequency fOSC=484 kHz (Min), Output
capacitor COUT=30 µF, Soft Start Time tSS=1.2 ms (Min), the method is as below.
[µF]
Confirm maximum starting inductor ripple current less than 2.1 A on actual equipment.
2.
Output Voltage Set Point
The output voltage value can be set by the feedback resistance ratio.
[V]
*Minimum pulse is 250 ns for BD9E104FJ.
Use input/output condition which satisfies the following
method.
[µs]
Maximum starting inductor ripple current IL_START
<
Over current limit 2.1 A (Min)
0.8
×
R
R
+
R
+
R
=
V
3
3
2
1
OUT
1.75
IN
OUT
V
V
250ns
Figure 47. Feedback Resistor Circuit
SS
OUT
LOAD
OUT
CAP
t
V
×
)
C
+
(C
=
I
127
≤
OUT
OUT
SS
L
OUTMAX
LOAD
C
-
V
t
×
)
2
ΔI
-
I
-
(2.1
(Max)
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com