Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOC3810HRT Datasheet(PDF) 5 Page - STMicroelectronics

Part # SOC3810HRT
Description  Rad-Hard 60 V, 0.05 A PNP dual matched transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SOC3810HRT Datasheet(HTML) 5 Page - STMicroelectronics

  SOC3810HRT Datasheet HTML 1Page - STMicroelectronics SOC3810HRT Datasheet HTML 2Page - STMicroelectronics SOC3810HRT Datasheet HTML 3Page - STMicroelectronics SOC3810HRT Datasheet HTML 4Page - STMicroelectronics SOC3810HRT Datasheet HTML 5Page - STMicroelectronics SOC3810HRT Datasheet HTML 6Page - STMicroelectronics SOC3810HRT Datasheet HTML 7Page - STMicroelectronics SOC3810HRT Datasheet HTML 8Page - STMicroelectronics SOC3810HRT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
2.1
Electrical characteristics (curves)
Figure 1. hFE @ VCE = 5 V
IC(A)
0.0001
0.1
0.001
10
100
1000
TJ=-55°C
TJ=-40°C
TJ=25°C
TJ=110°C
TJ=125°C
0.01
AM16340v1
Figure 2. VCE(sat) @ hFE = 10
IC(A)
0.0001
0.001
0.01
0.1
1
TJ=-55°C
TJ=-40°C
TJ=25°C
TJ=110°C
TJ=125°C
0.01
AM16340v1
Figure 3. VBE(sat) @ hFE = 10
IC(A)
0.0001
0.1
0.001
0.4
0.5
1
TJ=-55°C
TJ=-40°C
TJ=25°C
TJ=110°C
TJ=125°C
0.6
0.7
0.8
0.9
0.3
0.01
AM16341v1
2N3810HR
Electrical characteristics (curves)
DS6098 - Rev 9
page 5/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com