Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOC3810HRT Datasheet(PDF) 4 Page - STMicroelectronics

Part # SOC3810HRT
Description  Rad-Hard 60 V, 0.05 A PNP dual matched transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SOC3810HRT Datasheet(HTML) 4 Page - STMicroelectronics

  SOC3810HRT Datasheet HTML 1Page - STMicroelectronics SOC3810HRT Datasheet HTML 2Page - STMicroelectronics SOC3810HRT Datasheet HTML 3Page - STMicroelectronics SOC3810HRT Datasheet HTML 4Page - STMicroelectronics SOC3810HRT Datasheet HTML 5Page - STMicroelectronics SOC3810HRT Datasheet HTML 6Page - STMicroelectronics SOC3810HRT Datasheet HTML 7Page - STMicroelectronics SOC3810HRT Datasheet HTML 8Page - STMicroelectronics SOC3810HRT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Symbol
Parameter
Test conditions
Min.
Max.
Unit
fT
Transition frequency
IC = -1 mA VCE = -5 V
f = 100 MHz
80
500
MHz
COBO
Output capacitance
(IE = 0)
VCB = -5 V
100 kHz ≤ f ≤ 1 MHz
6
pF
CIBO
Input capacitance
(IC = 0)
VEB = -0.5 V
100 kHz ≤ f ≤ 1 MHz
15
pF
hie
Input impedance
IC = -1 mA VCE = -10 V
f = 1 kHz
3
30
kΩ
NF1
Noise figure
VCE = -5 V IC = -200 µA
RS = 2 kΩ f = 100 Hz
BW = 20 Hz
7
dB
NF2
Noise figure
VCE = -5 V IC = -200 µA
RS = 2 kΩ f = 1 kHz
BW = 200 Hz
3
dB
NFw
Noise figure
VCE = -5 V IC = -200 µA
RS = 2 kΩ
Bandwidth = 10 Hz to 15.7 kHz
3.5
dB
1. Pulsed duration = 300 µs, duty cycle ≤ 1.5%
2N3810HR
Electrical characteristics
DS6098 - Rev 9
page 4/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com