Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOC3810HRT Datasheet(PDF) 1 Page - STMicroelectronics

Part # SOC3810HRT
Description  Rad-Hard 60 V, 0.05 A PNP dual matched transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SOC3810HRT Datasheet(HTML) 1 Page - STMicroelectronics

  SOC3810HRT Datasheet HTML 1Page - STMicroelectronics SOC3810HRT Datasheet HTML 2Page - STMicroelectronics SOC3810HRT Datasheet HTML 3Page - STMicroelectronics SOC3810HRT Datasheet HTML 4Page - STMicroelectronics SOC3810HRT Datasheet HTML 5Page - STMicroelectronics SOC3810HRT Datasheet HTML 6Page - STMicroelectronics SOC3810HRT Datasheet HTML 7Page - STMicroelectronics SOC3810HRT Datasheet HTML 8Page - STMicroelectronics SOC3810HRT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LCC-6
Flat-8
1
4
5
8
3
2
1
4
6
5
Pin 4 and pin 5
are connected together to the seal ring and lid
LCC-6
The upper metallic shield is not internally connected neither
to any pin nor to the die inside
Flat-8
AM03130REV1
1
2
3
8
7
6
4
5
C1
B1
E1
C2
B2
E2
E2
B2
C2
3
2
1
E1
B1
C1
4
5
6
Features
Vceo
IC(max.)
HFE at 10 V,
150 mA
Tj(max.)
60 V
0.05 A
> 125
200 °C
•
Hermetic packages
•
ESCC and JANS qualified
•
Up to 100 krad(Si) low dose rate
Description
2N3810K and SOC3810HR are silicon planar PNP dual matched transistors
packaged in Flat-8 and LCC-6 respectively and available in 100 krad versions. They
are specifically designed for aerospace Hi-Rel applications and qualified as per
ESCC 5207/005 specification. In case of discrepancies between this datasheet and
the relevant agency specification, the latter takes precedence.
Product summary
Product summary
Device
Qualification
system
Agency
specification
Package
Radiation
level
2N3810Kx
ESCC Flight
5207/005
Flat-8
-
2N3810RKx
ESCC Flight
5207/005
Flat-8
100 krad(Si)
SOC3810HRx
ESCC Flight
5207/005
LCC-6
-
SOC3810RHRx
ESCC Flight
5207/005
LCC-6
100 krad(Si)
Product status link
2N3810HR
Rad-Hard 60 V, 0.05 A PNP dual matched transistor
2N3810HR
Datasheet
DS6098 - Rev 9 - September 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - SOC3810HRT

ManufacturerPart #DatasheetDescription
logo
Suntsu Electronics, Inc...
SOC38C SUNTSU-SOC38C Datasheet
436Kb / 3P
Metal DIP CMOS OCXO
SOC38C05F05 SUNTSU-SOC38C05F05 Datasheet
436Kb / 3P
Metal DIP CMOS OCXO
SOC38C05F15 SUNTSU-SOC38C05F15 Datasheet
436Kb / 3P
Metal DIP CMOS OCXO
SOC38C05F26 SUNTSU-SOC38C05F26 Datasheet
436Kb / 3P
Metal DIP CMOS OCXO
SOC38C05F37 SUNTSU-SOC38C05F37 Datasheet
436Kb / 3P
Metal DIP CMOS OCXO
More results

Similar Description - SOC3810HRT

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5911 MSK-MSK5911 Datasheet
293Kb / 7P
DUAL RAD HARD /- VOLTAGE REGULATOR
logo
STMicroelectronics
M54HC393 STMICROELECTRONICS-M54HC393_04 Datasheet
331Kb / 12P
RAD-HARD DUAL BINARY COUNTER
10-May-2004
2N2920AHR STMICROELECTRONICS-2N2920AHR Datasheet
160Kb / 9P
Hi-Rel NPN dual matched bipolar transistor 60 V - 0.03 A
05-Jan-2010
STRH40N6 STMICROELECTRONICS-STRH40N6 Datasheet
444Kb / 16P
Rad-Hard N-channel 60 V, 30 A Power MOSFET
03-Oct-2012
STRH100N6 STMICROELECTRONICS-STRH100N6 Datasheet
408Kb / 18P
Rad-Hard N-channel, 60 V, 80 A Power MOSFET
09-Nov-2011
STTH60200CHR STMICROELECTRONICS-STTH60200CHR Datasheet
217Kb / 12P
Rad-Hard 60 A - 200 V fast recovery rectifier
12-May-2020
STTH60400HR STMICROELECTRONICS-STTH60400HR Datasheet
250Kb / 11P
Rad-Hard 60 A - 400 V fast recovery rectifier
03-Jun-2020
2N2907AHR STMICROELECTRONICS-2N2907AHR_V01 Datasheet
276Kb / 14P
Rad-hard 60 V, 0.6 A PNP transistor
10-Feb-2022
2ST15300 STMICROELECTRONICS-2ST15300 Datasheet
307Kb / 9P
Rad-Hard 300 V, 5 A NPN bipolar transistor
28-Oct-2022
JANS2ST3360K STMICROELECTRONICS-JANS2ST3360K Datasheet
272Kb / 12P
Rad-Hard 60 V, 0.8 A NPN and PNP complementary transistors
09-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com