Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMFS4922NET1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTMFS4922NET1G
Description  Power MOSFET 30 V, 147 A, Single N−Channel, SO−8 FL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4922NET1G Datasheet(HTML) 4 Page - ON Semiconductor

  NTMFS4922NET1G Datasheet HTML 1Page - ON Semiconductor NTMFS4922NET1G Datasheet HTML 2Page - ON Semiconductor NTMFS4922NET1G Datasheet HTML 3Page - ON Semiconductor NTMFS4922NET1G Datasheet HTML 4Page - ON Semiconductor NTMFS4922NET1G Datasheet HTML 5Page - ON Semiconductor NTMFS4922NET1G Datasheet HTML 6Page - ON Semiconductor NTMFS4922NET1G Datasheet HTML 7Page - ON Semiconductor NTMFS4922NET1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NTMFS4922NE
http://onsemi.com
4
TYPICAL CHARACTERISTICS
0
20
40
60
80
100
120
140
160
180
0123
45
VGS = 3.4 V
2.2 V
2.4 V
2.6 V
2.8 V
3.0 V
3.2 V
3.6 V to 10 V
TJ = 25°C
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 1. On−Region Characteristics
0
20
40
60
80
100
120
140
160
180
1
1.5
2
2.5
3
3.5
4
TJ = 25°C
TJ = −55°C
TJ = 125°C
Figure 2. Transfer Characteristics
VGS, GATE−TO−SOURCE VOLTAGE (V)
0.0014
0.0016
0.0018
0.0020
0.0022
0.0024
0.0026
0.0028
34
56789
10
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
VGS, GATE−TO−SOURCE VOLTAGE (V)
ID = 30 A
TJ = 25°C
0.0026
0.0012
0.0014
0.0016
0.0018
0.0020
0.0022
0.0024
20
40
60
80
100
120
140
160 180
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
ID, DRAIN CURRENT (A)
VGS = 4.5 V
VGS = 10 V
TJ = 25°C
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
−50
−25
0
25
50
75
100
125
150
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
ID = 30 A
VGS = 10 V
100
1000
10000
100000
5
1015202530
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS = 0 V
TJ = 150°C
TJ = 125°C
TJ = 85°C
VDS = 10 V
200



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com