Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMFS4922NET1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTMFS4922NET1G
Description  Power MOSFET 30 V, 147 A, Single N−Channel, SO−8 FL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4922NET1G Datasheet(HTML) 5 Page - ON Semiconductor

  NTMFS4922NET1G Datasheet HTML 1Page - ON Semiconductor NTMFS4922NET1G Datasheet HTML 2Page - ON Semiconductor NTMFS4922NET1G Datasheet HTML 3Page - ON Semiconductor NTMFS4922NET1G Datasheet HTML 4Page - ON Semiconductor NTMFS4922NET1G Datasheet HTML 5Page - ON Semiconductor NTMFS4922NET1G Datasheet HTML 6Page - ON Semiconductor NTMFS4922NET1G Datasheet HTML 7Page - ON Semiconductor NTMFS4922NET1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NTMFS4922NE
http://onsemi.com
5
TYPICAL CHARACTERISTICS
0
1000
2000
3000
4000
5000
6000
7000
0
5
10
15
20
25
30
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 7. Capacitance Variation
TJ = 25°C
Coss
Crss
Ciss
VGS = 0 V
0
1
2
3
4
5
6
7
8
9
10
11
0
10
203040
5060
7080
Figure 8. Gate−To−Source and Drain−To−Source
Voltage vs. Total Charge
QG, TOTAL GATE CHARGE (nC)
TJ = 25°C
VDD = 15 V
VGS = 10 V
ID = 30 A
QT
QGS
QGD
1
10
100
1000
1
10
100
Figure 9. Resistive Switching Time
Variation vs. Gate Resistance
RG, GATE RESISTANCE (W)
tr
td(off)
td(on)
tf
VDD = 15 V
ID = 15 A
VGS = 10 V
0
5
10
15
20
25
30
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
VGS = 0 V
Figure 10. Diode Forward Voltage vs. Current
TJ = 25°C
TJ = 125°C
0.01
0.1
1
10
100
1000
0.01
0.1
1
10
100
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
0 V < VGS < 10 V
SINGLE PULSE
TC = 25°C
1 ms
10 ms
10 ms
dc
100 ms
0
20
40
60
80
100
120
140
160
180
25
50
75
100
125
150
TJ, STARTING JUNCTION TEMPERATURE (°C)
ID = 37 A
Figure 12. Maximum Avalanche Energy vs.
Starting Junction Temperature
200



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com