Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMFS4922NET1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTMFS4922NET1G
Description  Power MOSFET 30 V, 147 A, Single N−Channel, SO−8 FL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4922NET1G Datasheet(HTML) 1 Page - ON Semiconductor

  NTMFS4922NET1G Datasheet HTML 1Page - ON Semiconductor NTMFS4922NET1G Datasheet HTML 2Page - ON Semiconductor NTMFS4922NET1G Datasheet HTML 3Page - ON Semiconductor NTMFS4922NET1G Datasheet HTML 4Page - ON Semiconductor NTMFS4922NET1G Datasheet HTML 5Page - ON Semiconductor NTMFS4922NET1G Datasheet HTML 6Page - ON Semiconductor NTMFS4922NET1G Datasheet HTML 7Page - ON Semiconductor NTMFS4922NET1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2012
May, 2012 − Rev. 1
1
Publication Order Number:
NTMFS4922NE/D
NTMFS4922NE
Power MOSFET
30 V, 147 A, Single N−Channel, SO−8 FL
Features
Low RDS(on) to Minimize Conduction Losses
Low Capacitance to Minimize Driver Losses
Optimized Gate Charge to Minimize Switching Losses
Dual Sided Cooling Capability
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
CPU Power Delivery, DC−DC Converters
MAXIMUM RATINGS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
30
V
Gate−to−Source Voltage
VGS
±20
V
Continuous Drain
Current RqJA
(Note 1)
Steady
State
TA = 25°C
ID
29.1
A
TA = 100°C
18.4
Power Dissipation
RqJA (Note 1)
TA = 25°C
PD
2.72
W
Continuous Drain
Current RqJA ≤ 10 s
(Note 1)
TA = 25°C
ID
47.5
A
TA = 100°C
30.0
Power Dissipation
RqJA ≤ 10 s (Note 1)
TA = 25°C
PD
7.23
W
Continuous Drain
Current RqJA
(Note 2)
TA = 25°C
ID
17.1
A
TA = 100°C
10.8
Power Dissipation
RqJA (Note 2)
TA = 25°C
PD
0.93
W
Continuous Drain
Current RqJC
(Note 1)
TC = 25°C
ID
147
A
TC =100°C
93
Power Dissipation
RqJC (Note 1)
TC = 25°C
PD
69.44
W
Pulsed Drain Current
TA = 25°C, tp = 10 ms
IDM
442
A
Current Limited by Package
TA = 25°C
IDmax
100
A
Operating Junction and Storage Temperature
TJ,
TSTG
−55 to
+150
°C
Source Current (Body Diode)
IS
68
A
Drain to Source DV/DT
dV/dt
6
V/ns
Single Pulse Drain−to−Source Avalanche
Energy TJ = 25°C, VDD = 24 V, VGS = 10 V,
IL = 37 Apk, L = 0.3 mH, RG = 25 W
EAS
162.5
mJ
Lead Temperature for Soldering Purposes
(1/8″ from case for 10 s)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Surface−mounted on FR4 board using 1 sq−in pad, 1 oz Cu.
2. Surface−mounted on FR4 board using the minimum recommended pad size.
SO−8 FLAT LEAD
CASE 488AA
STYLE 1
MARKING
DIAGRAM
http://onsemi.com
A
= Assembly Location
Y
= Year
W
= Work Week
ZZ
= Lot Traceability
4922NE
AYWZZ
V(BR)DSS
RDS(ON) MAX
ID MAX
30 V
2.0 mW @ 10 V
147 A
3.0 mW @ 4.5 V
Device
Package
Shipping
ORDERING INFORMATION
NTMFS4922NET1G
SO−8 FL
(Pb−Free)
1500 /
Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
S
S
S
G
D
D
D
D
G (4)
S (1,2,3)
N−CHANNEL MOSFET
D (5,6)
1


Similar Part No. - NTMFS4922NET1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4921N ONSEMI-NTMFS4921N Datasheet
118Kb / 7P
Power MOSFET 30 V, 58.5 A, Single N?묬hannel, SO?? FL
November, 2008 ??Rev. 1
NTMFS4921NT1G ONSEMI-NTMFS4921NT1G Datasheet
118Kb / 7P
Power MOSFET 30 V, 58.5 A, Single N?묬hannel, SO?? FL
November, 2008 ??Rev. 1
NTMFS4921NT3G ONSEMI-NTMFS4921NT3G Datasheet
118Kb / 7P
Power MOSFET 30 V, 58.5 A, Single N?묬hannel, SO?? FL
November, 2008 ??Rev. 1
NTMFS4925N ONSEMI-NTMFS4925N Datasheet
114Kb / 6P
Power MOSFET 30 V, 48 A, Single N?묬hannel, SO?? FL
October, 2010 ??Rev. 0
NTMFS4925N ONSEMI-NTMFS4925N Datasheet
118Kb / 7P
Power MOSFET
August, 2012 ??Rev. 6
More results

Similar Description - NTMFS4922NET1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4833N ONSEMI-NTMFS4833N Datasheet
75Kb / 7P
Power MOSFET 30 V, 191 A, Single N-Channel, SO-8 FL
November, 2006 ??Rev. 2
NTMFS4744N ONSEMI-NTMFS4744N Datasheet
93Kb / 7P
Power MOSFET 30 V, 53 A, Single N-Channel, SO-8 FL
July, 2007 - Rev. 4
NTMFS4823N ONSEMI-NTMFS4823N Datasheet
141Kb / 6P
Power MOSFET 30 V, 30 A, Single N?묬hannel, SO?? FL
January, 2010 ??Rev. 2
NTMFS4837NH ONSEMI-NTMFS4837NH Datasheet
142Kb / 7P
Power MOSFET 30 V, 75 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 4
NTMFS4931N ONSEMI-NTMFS4931N Datasheet
123Kb / 7P
Power MOSFET 30 V, 246 A, Single N.Channel, SO.8 FL
May, 2012 ??Rev. 0
NTMFS4934NT1G ONSEMI-NTMFS4934NT1G Datasheet
120Kb / 7P
Power MOSFET 30 V, 147 A, Single N?묬hannel, SO?? FL
May, 2012 ??Rev. 4
NTMFS4C09NT1G ONSEMI-NTMFS4C09NT1G Datasheet
132Kb / 7P
Power MOSFET 30 V, 52 A, Single N?묬hannel, SO?? FL
November, 2013 ??Rev. 2
NTMFS4985NFT1G ONSEMI-NTMFS4985NFT1G Datasheet
120Kb / 7P
Power MOSFET 30 V, 65 A, Single N?묬hannel, SO?? FL
July, 2012 ??Rev. 2
NVMFS4C306N ONSEMI-NVMFS4C306N Datasheet
201Kb / 8P
MOSFET - Power, Single N-Channel, SO-8 FL 30 V, 3.4 m, 71 A
October, 2020-Rev. 0
NTMFS4C13N ONSEMI-NTMFS4C13N Datasheet
181Kb / 8P
MOSFET – Power, Single, N-Channel, SO-8 FL 30 V, 38 A
May, 2019 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com