Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRK1001 Datasheet(PDF) 13 Page - STMicroelectronics

Part # SRK1001
Description  Adaptive synchronous rectification controller for flyback converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK1001 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SRK1001 Datasheet HTML 9Page - STMicroelectronics SRK1001 Datasheet HTML 10Page - STMicroelectronics SRK1001 Datasheet HTML 11Page - STMicroelectronics SRK1001 Datasheet HTML 12Page - STMicroelectronics SRK1001 Datasheet HTML 13Page - STMicroelectronics SRK1001 Datasheet HTML 14Page - STMicroelectronics SRK1001 Datasheet HTML 15Page - STMicroelectronics SRK1001 Datasheet HTML 16Page - STMicroelectronics SRK1001 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
5.4.3
Fixed frequency DCM operation
In fixed frequency circuits designed to operate always in DCM in all line and load conditions, the SRK1001
controller operates in a similar way to QR operation: the turn-off is accomplished by adaptive mechanism in
steady state operation, while timer turn-off is invoked to protect against current inversion during load transitions
and in CC regulation. In this case, the timer mode can be either the one for FF CCM or the one for QR
application, which is the cheaper option as no capacitor on TON pin is required.
5.4.4
Variable frequency CCM operation
Some advanced flyback controllers provide multimode operation in order to maximize performance and optimize
transformer design. Some of these controllers also provide variable frequency CCM operation to facilitate
overload management, while helping to reduce the transformer size (on overpower request, the operating
frequency is increased). The SRK1001 controller is suitable for operation in these kinds of applications, allowing
SR MOSFET turn-off through a synchronization signal (provided from primary side through a pulse transformer)
applied to the SYNC pin. Refer to Section 5.7 Low consumption mode operation: sleep-mode, burst mode,
disable state for a detailed operation description.
5.5
Minimum TOFF programming
In flyback applications operating in DCM and QR with valley skipping, resonance occurs across transformer
windings after demagnetization, whose period TRES depends on the transformer primary inductance and on the
total capacitance across primary switch. In order to prevent this ringing from affecting the SRK1001 internal
timings, a blanking time after turn-off needs to be programmed. The circuit is based on an internal timing
capacitance and an external resistor RTOFF connected from TOFF pin to ground and allows fixing a TOFF_MIN time
according to the following expression:
TOFF_MIN=30*10−12*RTOFF
RTOFF is expressed in Ohms and TOFF_MIN in seconds. The TOFF_MIN time must be set slightly longer than the
ringing period TRES: in this way, referring to Figure 9, the circuit provides a blanking time from the falling edge of
the driving signal to the time instant occurring after the DVS pin voltage is permanently higher than VTH_A for
TOFF_MIN.
Furthermore, referring to Figure 10, an internal comparator referenced to a voltage VR higher than 2 times VOUT
senses the DVS pin voltage (where VR and VDS are conveniently scaled). When VDS voltage rises above VR, the
comparator triggers and the blanking time is terminated. This helps during constant voltage regulation operation,
at high input voltage levels (where typically the conduction time of the primary MOSFET is short), preventing the
blanking time determined by TOFF_min from delaying the SR MOSFET turn-on. The internal threshold VR is fixed
to 2.83 VCC (where VCC equals VOUT or VOUT-VF, depending on whether VAUX functionality is used or not; see
Section 5.9 VAUX pin operation in CC regulation).
Figure 9. Blanking time after turn-off
TB_OFF
ISR
IP
VDS
TRES
TOFF_min
GD
blanking time
after turn-off
VTH_A
VZCD_OFF
adapted
ZCD_OFF
threshold
SRK1001
Minimum TOFF programming
DS13155 - Rev 1
page 13/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com