Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRK1001 Datasheet(PDF) 21 Page - STMicroelectronics

Part # SRK1001
Description  Adaptive synchronous rectification controller for flyback converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK1001 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button SRK1001 Datasheet HTML 17Page - STMicroelectronics SRK1001 Datasheet HTML 18Page - STMicroelectronics SRK1001 Datasheet HTML 19Page - STMicroelectronics SRK1001 Datasheet HTML 20Page - STMicroelectronics SRK1001 Datasheet HTML 21Page - STMicroelectronics SRK1001 Datasheet HTML 22Page - STMicroelectronics SRK1001 Datasheet HTML 23Page - STMicroelectronics SRK1001 Datasheet HTML 24Page - STMicroelectronics SRK1001 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
7
Package mechanical data
Table 5. SO8 mechanical data
Dimensions
Ref.
mm
inch
Min
Typ
Max
Min
Typ
Max
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.004
0.010
A2
1.10
1.65
0.043
0.065
B
0.33
0.51
0.013
0.020
C
0.19
0.25
0.007
0.010
D (1)
4.80
5.00
0.189
0.197
E
3.80
4.00
0.150
0.157
e
1.27
H
5.8
6.20
0.228
0.050
0.244
h
0.25
0.50
0.010
0.020
L
0.40
1.27
0.016
0.050
k
0° (min), 8° (max)
ddd
0.10
0.004
1. D dimensions do not include mold flash, protrusions or gate burrs. Mold flash, protrusions or gate burrs should not exceed
0.15 mm (0.006 inch) in total (both sides)
SRK1001
Package mechanical data
DS13155 - Rev 1
page 21/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com