Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7293C3B6 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST7293C3B6
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7293C3B6 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST7293C3B6 Datasheet HTML 14Page - STMicroelectronics ST7293C3B6 Datasheet HTML 15Page - STMicroelectronics ST7293C3B6 Datasheet HTML 16Page - STMicroelectronics ST7293C3B6 Datasheet HTML 17Page - STMicroelectronics ST7293C3B6 Datasheet HTML 18Page - STMicroelectronics ST7293C3B6 Datasheet HTML 19Page - STMicroelectronics ST7293C3B6 Datasheet HTML 20Page - STMicroelectronics ST7293C3B6 Datasheet HTML 21Page - STMicroelectronics ST7293C3B6 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 69 page
background image
18/69
ST7294
3.5 WATCHDOG SYSTEM
The Watchdog System consists in a divide-by-8
counter and a fixed divide-by-1024 prescaler. It is
controlled through bit WDOG of the Miscellaneous
Register. Two mask options are provided.
The Watchdog Enable mode mask option selects
the state of the Watchdog System after an exter-
nal or a power-on reset. In the “programmable en-
able” option, a reset causes the watchdog to be
disabled and the counter to be forced to zero.
When the watchdog is configured with the “pro-
grammable enable” option, the watchdog system
is enabled by setting the WDOG bit of the Miscel-
laneous Register (0Ch). Only an external or a
power-on reset can clear WDOG and disable the
watchdog system.
Whatever the option, when the watchdog counter
is enabled, it is driven by the CPU clock through
the divide-by-1024 prescaler (i.e. the counter
clock period is 1024 CPU clock cycles). It is reset
to zero by writing WDOG at 1. A system reset is
generated if the counter reaches it maximum
count (8). To avoid a system reset, the software
must therefore reset the counter at least after a
timer tDOG from the last clear or from the time the
watchdog system has been enabled.
Care has to be taken when enabling the counter
(“programmable enable” option only). The pres-
caler is actually in an unknown state at the time
WDOG is set. The first rising edge can thus be
sent to the watchdog counter after a time com-
prised between 0 and 1024 CPU clock cycles. In
this mode, the first reset of the watchdog counter
should therefore not occur later than 6x1024 CPU
clock cycles after it has been enabled.
The system reset is generated by pulling down the
RESET pin for at least one and a half CPU clock
cycle. The state of the RESET pin is re-entered,
thus causing an external reset to be issued.
The WATCHDOG DURING WAIT mask option al-
lows to determine the watchdog function during
the WAIT low power mode. In the “active during
WAIT” option, the watchdog is kept active, thus
able to reset the MCU if it remains in WAIT mode
longer than the watchdog timeout period. In the
“suspended during WAIT” option, it suspends op-
eration during the WAIT mode and resets its coun-
ter. It will then resume operation when exiting the
WAIT mode.
The HALT mode is inhibited when the watchdog
system is enabled. However if a HALT instruction
is executed while it is enabled, a watchdog reset is
immediately generated.
Figure 13. Watchdog Block Diagram
8th State Decoder
÷ 8 Watchdog Counter
Control Logic
Latch
Reset
Schmitt Trigger
Miscellaneus
Register
Internal
CPU Clock
÷ 1024
Power ON
IP
S
R
VR02048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com