Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7293C3B6 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST7293C3B6
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7293C3B6 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST7293C3B6 Datasheet HTML 20Page - STMicroelectronics ST7293C3B6 Datasheet HTML 21Page - STMicroelectronics ST7293C3B6 Datasheet HTML 22Page - STMicroelectronics ST7293C3B6 Datasheet HTML 23Page - STMicroelectronics ST7293C3B6 Datasheet HTML 24Page - STMicroelectronics ST7293C3B6 Datasheet HTML 25Page - STMicroelectronics ST7293C3B6 Datasheet HTML 26Page - STMicroelectronics ST7293C3B6 Datasheet HTML 27Page - STMicroelectronics ST7293C3B6 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 69 page
background image
24/69
ST7294
I/O PORTS (Continued)
Table 7. I/O Pin Logic
Note (*): RW is an internal signal.
R/W*
DDR
I/O Pin Functions
00
The I/O pin is in input mode. Data is written into the output data latch.
01
Data is written into the output data latch and output the I/O pin.
10
The state of the I/O pin is read.
11
The I/O pin is in an output mode. The output data latch is read.
DATA REGISTERS
Port A: 00h
Port B: 01h
Port C: 02h
Read/Write
Reset Value: Undefined
70
MSB
LSB
DATA DIRECTION REGISTERS
Port A: 04h
Port B: 05h
Port C: 06h
Read/Write
Reset Value: 00h (as inputs)
70
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com