Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7293C3B6 Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST7293C3B6
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7293C3B6 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST7293C3B6 Datasheet HTML 26Page - STMicroelectronics ST7293C3B6 Datasheet HTML 27Page - STMicroelectronics ST7293C3B6 Datasheet HTML 28Page - STMicroelectronics ST7293C3B6 Datasheet HTML 29Page - STMicroelectronics ST7293C3B6 Datasheet HTML 30Page - STMicroelectronics ST7293C3B6 Datasheet HTML 31Page - STMicroelectronics ST7293C3B6 Datasheet HTML 32Page - STMicroelectronics ST7293C3B6 Datasheet HTML 33Page - STMicroelectronics ST7293C3B6 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 69 page
background image
30/69
ST7294
TIMER STATUS REGISTER
Register Address: 0013h
—
Read Only
Reset Value: Undefined
The Timer Status Register (TSR) is an 8-bit regis-
ter of which the five most significant bits contain
read-only status information and the three least
significant bits are not used..
Bit 7 = ICF1
Input Capture Flag 1
ICF1 is set when a proper edge has been sensed
by the input capture edge detector at pin ICAP.
The edge is selected by the IEDG1-bit in TCR.
ICF1 is cleared by a processor access to the TSR
while ICF1 is set followed by an access (read or
write) to the low byte of ICR1 (ICLR1).
Bit 6 = OCF1
Output Compare Flag 1
OCF1 is set when the content of the free running
counter matches the content of OCR1. It is
cleared by a processor access of TSR while OCF1
is set followed by an access (read or write) to the
low byte of OCR1.
Bit 5 = TOF
Timer Overflow
TOF is set by a transition of the free running coun-
ter from FFFFh to 0000h. It is cleared by a proces-
sor access to TSR while TOF is set followed by an
access (read or write) to the low byte of the coun-
ter low register. TOF is not affected by an access
to the Alternate Counter Register.
Bit 4 = Unused
Bit 3 = OCF2
Output Compare Flag 2
OCF2 is set when the content of the free running
counter matches the content of OCR2. It is
cleared by a processor access of TSR while OCF2
is set followed by an access (read or write) to the
low byte of OCR2.
Bit 2, 1, 0 = Unused.
70
ICF1
OCF1
TOF
-
0CF2
-
-
-
16-BIT TIMER (Continued)
4.3.3 Timer Registers
TIMER CONTROL REGISTER
Register Address: 0012h
—
Read/Write
Reset Value: 0000 00X0 (00h or 02h)
The TCR is an 8 bit read/write register. Its eight
bits are defined as follows:
Bit 7 = ICIE
Input Capture Interrupt Enable
If ICIE is set, a timer interrupt is enabled whenever
the ICF1 status flags of TSR are set. If the ICIE bit
is cleared, the interrupt is inhibited.
Bit 6 = OCIE
Output Compare Interrupt Enable
If OCIE is set, a timer interrupt is enabled whenev-
er the OCF1 or OCF2 status flags of TSR are set.
If the OCIE bit is cleared, the interrupt is inhibited.
Bit 5 = TOIE
Timer Overflow Interrupt Enable
If TOIE is set, a timer interrupt is enable whenever
the TOF status flag of TSR is set. If the TOIE bit is
cleared, the interrupt is inhibited.
Bit 4 = Unused
Bit 3 = FOLV1
Force Output Compare 1
When written to 1, FOLV1 forces OLVL1 to be
copied to the OCMP1 pin. FOLV1 has no effect
otherwise. It can only be reset by a system reset.
Bit 2 = Unused
Bit 1 = IEDG1
Input Edge 1
The value of the IEDG1 determines which level
transition on pin ICAP will trigger a free running
counter transfer to the ICR1. When IEDG1 is high,
a rising edge triggers the capture since when low,
a falling edge does.
Bit 0 = OLVL1
Output Level 1
The OLVL1 bit is copied to the OCMP1 pin when-
ever a successful comparison occurs at OCR1.
70
ICIE
OCIE
TOIE
-
FOLV1
-
IEDG1
OLVL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com